Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0035.9620 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0035.9620
Description  LED-Fassung ASL (fur 3 mm 1 LED)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0035.9620 Datasheet(HTML) 3 Page - Schurter Inc.

  0035.9620 Datasheet HTML 1Page - Schurter Inc. 0035.9620 Datasheet HTML 2Page - Schurter Inc. 0035.9620 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCHURTER GmbH • Tel.: ++ 49 7642 682 0 • Fax: ++49 7642 8820 • e-mail: info@schurter.de • Internet: www.schurter.de
AST (T1 with LED)
AST (3mm mit LED)
Ausführungen
Models
Varianten
Variations
Artikelnummer
Part Number
gewünschte Variante ankreuzen
select your variation
ohne Kalotte
gerade Anschlüsse
without lens
straight contacts
Die Farbwahl erfolgt jeweils von
unten nach oben. (Von links nach
rechts)
The colour is advised from the
buttom to the top. (From the left
to the right)
Auftragsbezogene Fertigung / Order specific production
ohne Kalotte
Anschlüsse abgewinkelt
without lens
contacts angled 90°
0035.9675.
0035.9676.
0035.9677.
0035.9678.
Farbindex eintragen
Fill in colour index
Farbe der LED
Colour of LED
grün/gelb green/yellow
gelb/gelb yellow/yellow
gelb/rot
yellow/red
6
7
8
6
7
8
6
7
8
6
7
8
grün/grün green/green
grün/rot green/red
4
5
4
5
4
5
4
5
rot/rot
red/red
rot/grün red/green
rot/gelb
red/yellow
1
2
3
1
2
3
1
2
3
1
2
3
gelb/grün yellow/green
9
9
9
9
New specification from 1.7.2011*
TechNical DaTa leDs
1. Maximum Ratings
LED old
leD new*
LED old
leD new*
LED old
leD new*
internal part number
0925.9730
0925.9731
0925.9732
light colour
red
red
green
green
yellow
yellow
Forward current Dc
I
F max. [mA]
40
30
40
30
40
30
Power dissipation
P
totmax. [mW]
130
100
130
100
130
100
2. characteristics (typ. at T
u=25°c)
Forward Voltage
at I
F =10mA, UF typ. [V]
2.0 (<2.6)
2 at 20ma
2.0 (<2.6)
2.4 at 20ma
2.0 (<2.6)
2.4 at 20ma
luminous intensity
at I
F =10mA, Iv typ. [mcd]
11.2 - 28
6.3 to…
18 - 45
6.3 to…
11.2 - 28
6.3 to…
Viewing angle
typ. [degree]
50
60
50
60
50
60
Peak wave lenght
typ. [nm]
635
635
565
565
586
585
Reverse voltage
U
r typ. [V]
5
6
5
6
5
6
0035.9665.
0035.9666.
0035.9667.
0035.9668.


Similar Part No. - 0035.9620

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.9620. SCHURTER-0035.9620. Datasheet
118Kb / 3P
   LED-Holder ASL (for T 1 LED)
More results

Similar Description - 0035.9620

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.7022 SCHURTER-0035.7022 Datasheet
85Kb / 1P
   LED-Fassung PBL (fur 3mm LED)
0035.1980 SCHURTER-0035.1980 Datasheet
33Kb / 1P
   LED-Fassung LML (fur 3mm LED)
0035.9203 SCHURTER-0035.9203 Datasheet
69Kb / 4P
   LED-Fassung AST (f체r 3 mm 1 LED)
0035.9675.4 SCHURTER-0035.9675.4 Datasheet
118Kb / 3P
   LED-Holder ASL (for T 1 LED)
logo
Everlight Electronics C...
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9_13 Datasheet
123Kb / 8P
   3 mm Round LED (T-1)
234 EVERLIGHT-234 Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com