Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U-DFN1616-8 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # U-DFN1616-8
Description  PACKAGE OUTLINE DIMENSIONS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

U-DFN1616-8 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button U-DFN1616-8 Datasheet HTML 23Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 24Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 25Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 26Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 27Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 28Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 29Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 30Page - Diodes Incorporated U-DFN1616-8 Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
AP02002 Rev. 60
27 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
SOD323F
SOD323F
Dim
Min
Max
Typ
A
0.60
0.75
-
b
0.25
0.35
-
c
0.05
0.26
-
D
1.15
1.35
1.25
E
1.60
1.80
1.70
He
2.30
2.70
2.50
L1
0.30
0.50
0.40
L2
0.41
0.61
0.51
α1
-
-
α2
-
-
β1
-
-
β2
-
-
All Dimensions in mm
SOD523
SOD523
Dim
Min
Max
A
0.25
0.35
B
0.70
0.90
C
1.50
1.70
H
1.10
1.30
K
0.55
0.65
L
0.10
0.30
M
0.10
0.12
All Dimensions in mm
SO-8
SO 8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82
θ
0
°
8
°
All Dimensions in mm
He
E
D
b (2x)
c
L1
α2
α1
A
β2
β1
b (2x)
L2 (2x)
H
C
A
B
K
M
L
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3


Similar Part No. - U-DFN1616-8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
U-DFN1616-8 DIODES-U-DFN1616-8 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
U-DFN1616-8 DIODES-U-DFN1616-8 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
More results

Similar Description - U-DFN1616-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
   Package Outline Dimensions
logo
Diodes Incorporated
AP02002 DIODES-AP02002_1 Datasheet
775Kb / 36P
   PACKAGE OUTLINE DIMENSIONS
logo
Galaxy Semi-Conductor H...
081029132636 BILIN-081029132636 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-523 BILIN-SOT-523 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029131240 BILIN-081029131240 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
101116113633 BILIN-101116113633 Datasheet
62Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029132758 BILIN-081029132758 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029133319 BILIN-081029133319 Datasheet
35Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-89 BILIN-SOT-89 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
logo
Diodes Incorporated
AP02002 DIODES-AP02002 Datasheet
776Kb / 32P
   PACKAGE OUTLINE DIMENSIONS
AP02002 Rev. 44
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com