Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0035.0644 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 0035.0644
Description  LFM (with T1 LED)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0035.0644 Datasheet(HTML) 5 Page - Schurter Inc.

  0035.0644 Datasheet HTML 1Page - Schurter Inc. 0035.0644 Datasheet HTML 2Page - Schurter Inc. 0035.0644 Datasheet HTML 3Page - Schurter Inc. 0035.0644 Datasheet HTML 4Page - Schurter Inc. 0035.0644 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SCHURTER GmbH • Tel.: ++ 49 7642 682 0 • Fax: ++49 7642 8820 • e-mail: info@schurter.de • Internet: www.schurter.de
Outside reflector LFM (with T1 3/4 LED) IP 67
Außenreflektor LFM (mit 5mm LED) IP 67
Ausführungen
Models
Artikelnummer
Part Number
gewünschte Farbe ankreuzen
select your colour
0035.0624
rot
red
0035.0625
grün
green
0035.0626
gelb
yellow
0035.0627
rot
red
0035.0628
grün
green
0035.0629
gelb
yellow
0035.0664
rot
red
0035.0665
grün
green
0035.0666
gelb
yellow
0035.0667
rot
red
0035.0668
grün
green
0035.0669
gelb
yellow
0035.0731
rot
red
0035.0732
grün
green
0035.0733
gelb
yellow
Varianten
Variations
0035.0736
rot
red
0035.0737
grün
green
0035.0738
gelb
yellow
0638.1004
mit Vorwiderstand
with built-in resistor
Gehäuse
verchromt
Farbe der LED
Colour of LED
12V
24V
mit Vorwiderstand
with built-in resistor
Gehäuse
schwarz matt
Farbe der LED
Colour of LED
12V
24V
ohne Vorwiderstand
without built-in resistor
Farbe der LED
Colour of LED
Gehäuse verchromt
Body chrome plated
ohne Vorwiderstand
without built-in resistor
Farbe der LED
Colour of LED
Gehäuse
schwarz matt
Zubehör
Accessories
Federscheibe
Spring lock washer
Body
black dull
Body
chrome plated
Body black dull


Similar Part No. - 0035.0644

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.0607 SCHURTER-0035.0607 Datasheet
290Kb / 3P
   LED Reflector Holder round with 5 mm LED
11.01.2021
0035.0607 SCHURTER-0035.0607 Datasheet
290Kb / 3P
   LED Reflector Holder round with 5 mm LED
04.01.2022
0035.0608 SCHURTER-0035.0608 Datasheet
290Kb / 3P
   LED Reflector Holder round with 5 mm LED
11.01.2021
0035.0608 SCHURTER-0035.0608 Datasheet
290Kb / 3P
   LED Reflector Holder round with 5 mm LED
04.01.2022
0035.0609 SCHURTER-0035.0609 Datasheet
290Kb / 3P
   LED Reflector Holder round with 5 mm LED
11.01.2021
More results

Similar Description - 0035.0644

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
TLP150-M EMERSON-NETWORKPOWER-TLP150-M Datasheet
784Kb / 4P
   150 W on main channel with only 200 LFM
TLP150 EMERSON-NETWORKPOWER-TLP150 Datasheet
837Kb / 4P
   150 W on main channel with only 200 LFM
logo
P-tec Corporation
PL03G-WCB20Z P-TEC-PL03G-WCB20Z Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDY01 P-TEC-PL07-CDY01 Datasheet
29Kb / 1P
   3mm (T1) LED
PL01-CDG13 P-TEC-PL01-CDG13 Datasheet
29Kb / 1P
   3mm (T1) LED
PL01-CDY01 P-TEC-PL01-CDY01 Datasheet
29Kb / 1P
   3mm (T1) LED
PL03F-WCW13Z P-TEC-PL03F-WCW13Z Datasheet
29Kb / 1P
   3mm (T1) LED
PL03F-WCW24Z P-TEC-PL03F-WCW24Z Datasheet
30Kb / 1P
   3mm (T1) LED
PL07-CDR12 P-TEC-PL07-CDR12 Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDR21 P-TEC-PL07-CDR21 Datasheet
29Kb / 1P
   3mm (T1) LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com