Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0035.9641 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0035.9641
Description  LED-Fassung ASL (fur 3 mm 1 LED)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0035.9641 Datasheet(HTML) 2 Page - Schurter Inc.

  0035.9641 Datasheet HTML 1Page - Schurter Inc. 0035.9641 Datasheet HTML 2Page - Schurter Inc. 0035.9641 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCHURTER GmbH • Tel.: ++ 49 7642 682 0 • Fax: ++49 7642 8820 • e-mail: info@schurter.de • Internet: www.schurter.de
ASL (mit LED)
Farbe der LED
Colour of LED
grün/gelb green/yellow
gelb/gelb yellow/yellow
gelb/rot
yellow/red
6
7
8
6
7
8
6
7
8
6
7
8
grün/grün green/green
grün/rot green/red
4
5
4
5
4
5
4
5
rot/rot
red/red
rot/grün red/green
rot/gelb
red/yellow
1
2
3
1
2
3
1
2
3
1
2
3
Die Farbwahl erfolgt von links
nach rechts.
Bei ungerader Anzahl von
LED´s muß der letzte Index
entweder 1, 4 oder 7 lauten.
The colour is advised from the
left to the right side.
If the number of LED´s is
uneven the last index must be
1, 4 or 7.
Ausführungen
Models
Varianten
Variations
Artikelnummer
Part Number
gewünschte Variante ankreuzen
select your variation
Farbindex eintragen
Fill in colour index
ohne Kalotte
gerade Anschlüsse
0035.9620.
0035.9621.
0035.9622.
0035.9623.
without lens
straight contacts
0035.9624.
0035.9625.
0035.9626.
0035.9627.
ohne Kalotte
Anschlüsse abgewinkelt
0035.9640.
0035.9641.
0035.9642.
0035.9643.
without lens
contacts angled 90°
0035.9644.
0035.9645.
0035.9646.
0035.9647.
Auftragsbezogene Fertigung / Order specific production


Similar Part No. - 0035.9641

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.9641. SCHURTER-0035.9641. Datasheet
118Kb / 3P
   LED-Holder ASL (for T 1 LED)
More results

Similar Description - 0035.9641

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.7022 SCHURTER-0035.7022 Datasheet
85Kb / 1P
   LED-Fassung PBL (fur 3mm LED)
0035.1980 SCHURTER-0035.1980 Datasheet
33Kb / 1P
   LED-Fassung LML (fur 3mm LED)
0035.9203 SCHURTER-0035.9203 Datasheet
69Kb / 4P
   LED-Fassung AST (f체r 3 mm 1 LED)
0035.9675.4 SCHURTER-0035.9675.4 Datasheet
118Kb / 3P
   LED-Holder ASL (for T 1 LED)
logo
Everlight Electronics C...
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9_13 Datasheet
123Kb / 8P
   3 mm Round LED (T-1)
234 EVERLIGHT-234 Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com