Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZY93C56R Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # BZY93C56R
Description  Zener Diodes (Studs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

BZY93C56R Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  BZY93C56R Datasheet HTML 1Page - Naina Semiconductor ltd. BZY93C56R Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Features
Voltage Range 7.5 – 75 Volts
Glass passivated junction
20 Watt steady state @ 75
oC
1500 Watt peak pulse power
Operating temperature -55
oC to +175
Good clamping ability
Available in Normal and Reverse polarity
Metric and UNF thread type
Mechanical Characteristics
Hermetically sealed DO-4 outline
Polarity: Indicated by direction of Zener symbol
External surfaces corrosion resistant &
Weight: 4.2 grams
Electrical Data
Forward Voltage, VF = 1.5V max.
(at IF 5A, 300µs square wave pulse)]
VZ measured with pulse 100µs
Duty cycle 0.001
RZ determined with DC plus 10%
superimposed AC @ 1KHZ
emiconductor Ltd.
BZY93 Series
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Zener Diodes (Studs)
C to +175
oC
Available in Normal and Reverse polarity
Polarity: Indicated by direction of Zener symbol
External surfaces corrosion resistant & terminal Solderable
s square wave pulse)]
DO-203A
ALL DIMENSIONS IN MM
BZY93 Series
4205450
Fax: 0120-4273653
www.nainasemi.com
203AA (DO-4)


Similar Part No. - BZY93C56R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BZY93C56R LITTELFUSE-BZY93C56R Datasheet
117Kb / 2P
   BZY93 Series
logo
New Jersey Semi-Conduct...
BZY93C56R NJSEMI-BZY93C56R Datasheet
103Kb / 1P
   Voltage Range 7.5 -75 Volts
More results

Similar Description - BZY93C56R

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
BZY91 NAINA-BZY91 Datasheet
114Kb / 2P
   Zener Diodes (Studs)
logo
Littelfuse
BZY91 LITTELFUSE-BZY91 Datasheet
117Kb / 2P
   Zeners/Studs
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com