Selected language     English  â–¼


W-DFN5060-4 Datasheet(PDF) 11 Page - Diodes Incorporated

Part No. W-DFN5060-4
Description  PACKAGE OUTLINE DIMENSIONS
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

 11 page
background image
AP02002 Rev. 60
11 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
U-DFN3020-8
Type M
U-DFN3020-8
Type M
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
−
−
0.015
b
0.25
0.35
0.30
D
2.95
3.05
3.00
D1
1.12
1.32
1.22
D2
1.00
1.20
1.10
D3
0.45
0.55
0.50
E
1.95
2.05
2.00
E1
0.48
0.68
0.58
E2
0.48
0.68
0.58
E3
0.35
0.45
0.40
e
−
−
0.65
L
0.25
0.35
0.30
L1
1.08
1.28
1.18
L2
0.45
0.55
0.50
Z
−
−
0.175
All Dimensions in mm
U-DFN3020-10
U-DFN3020-10
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
-
-
0.15
b
0.15
0.25
0.20
D
2.95
3.05
3.00
D1
0.25
0.45
0.35
E
1.95
2.05
2.00
E1
0.90
1.10
1.00
e
-
-
0.60
e1
-
-
0.65
e2
0.50
0.70
0.60
L
0.25
0.35
0.30
Z
-
-
0.15
All Dimensions in mm
D
E
e
b
L2
A
A1
A3
E2
L
E3
D3
E1
D1
D2
Z
L1
Pin1
D
E
e
b(10x)
L(10x)
A
A1
A3
(Pin #1 ID)
Seating Plane
Z(4x)
e1
E1 (3x)
D1(3x)
e2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl