Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ5316DBBG-GN-F Datasheet(PDF) 11 Page - Elpida Memory

Part # EDJ5316DBBG-GN-F
Description  512M bits DDR3 SDRAM
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ5316DBBG-GN-F Datasheet(HTML) 11 Page - Elpida Memory

Back Button EDJ5316DBBG-GN-F Datasheet HTML 7Page - Elpida Memory EDJ5316DBBG-GN-F Datasheet HTML 8Page - Elpida Memory EDJ5316DBBG-GN-F Datasheet HTML 9Page - Elpida Memory EDJ5316DBBG-GN-F Datasheet HTML 10Page - Elpida Memory EDJ5316DBBG-GN-F Datasheet HTML 11Page - Elpida Memory EDJ5316DBBG-GN-F Datasheet HTML 12Page - Elpida Memory EDJ5316DBBG-GN-F Datasheet HTML 13Page - Elpida Memory EDJ5316DBBG-GN-F Datasheet HTML 14Page - Elpida Memory EDJ5316DBBG-GN-F Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 173 page
background image
EDJ5316DBBG
Preliminary Data Sheet E1462E30 (Ver. 3.0)
11
[Data Setup and Hold Base-Values]
DDR3-1066
DDR3-1333
DDR3-1600
Unit
Reference
tDS(base)
25
30
10
ps
VIH/VIL(AC)
tDH(base)
100
65
45
ps
VIH/VIL(DC)
Note: 1 AC/DC referenced for 1V/ns DQ slew rate and 2V/ns DQS slew rate
[Derating Values of tDS/tDH AC/DC based (DDR3-1066)]
∆tDS, ∆tDH derating in [ps] AC/DC based
DQS, /DQS differential slew rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH Unit
2.0
+88
+50
+88
+50
+88
+50
ps
1.5
+59
+34
+59
+34
+59
+34
+67
+42
ps
1.0
0
0
0
0
0
0
+8
+8
+16
+16
ps
0.9
−2
−4
−2
−4
+6
+4
+14
+12
+22
+20
ps
0.8
−6
−10
+2
−2
+10
+6
+18
+14
+26
+24
ps
0.7
−3
−8
+5
0
+13
+8
+21
+18
+29
+34
ps
0.6
−1
−10
+7
−2
+15
+8
+23
+24
ps
0.5
−11
−16
−2
−6
+5
+10
ps
DQ
slew
rate
(V/ns)
0.4
−30
−26
−22
−10
ps
[Derating Values of tDS/tDH AC/DC based (DDR3-1333, 1600)]
∆tDS, ∆tDH derating in [ps] AC/DC based
DQS, /DQS differential slew rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH Unit
2.0
+75
+50
+75
+50
+75
+50
ps
1.5
+59
+34
+59
+34
+59
+34
+58
+42
ps
1.0
0
0
0
0
0
0
+8
+8
+16
+16
ps
0.9
0
−4
0
−4
+8
+4
+16
+12
+24
+20
ps
0.8
−10
+8
−2
+16
+6
+24
+14
+32
+24
ps
0.7
+8
−8
+16
0
+24
+8
+32
+18
+40
+34
ps
0.6
+15
−10
+23
−2
+31
+8
+39
+24
ps
0.5
+14
−16
+22
−6
+30
+10
ps
DQ
slew
rate
(V/ns)
0.4
+7
−26
+15
−10
ps


Similar Part No. - EDJ5316DBBG-GN-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ5316BASE-8A-E ELPIDA-EDJ5316BASE-8A-E Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDJ5316BASE-8C-E ELPIDA-EDJ5316BASE-8C-E Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDJ5316BASE-AC-E ELPIDA-EDJ5316BASE-AC-E Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDJ5316BASE-AE-E ELPIDA-EDJ5316BASE-AE-E Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDJ5316BASE-AG-E ELPIDA-EDJ5316BASE-AG-E Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
More results

Similar Description - EDJ5316DBBG-GN-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ5304BASE ELPIDA-EDJ5304BASE Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDS5104ABTA ELPIDA-EDS5104ABTA Datasheet
564Kb / 52P
   512M bits SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com