Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ8232B5MB-DJ-F Datasheet(PDF) 9 Page - Elpida Memory

Part # EDJ8232B5MB-DJ-F
Description  8G bits DDR3 SDRAM, DDP
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB-DJ-F Datasheet(HTML) 9 Page - Elpida Memory

Back Button EDJ8232B5MB-DJ-F Datasheet HTML 5Page - Elpida Memory EDJ8232B5MB-DJ-F Datasheet HTML 6Page - Elpida Memory EDJ8232B5MB-DJ-F Datasheet HTML 7Page - Elpida Memory EDJ8232B5MB-DJ-F Datasheet HTML 8Page - Elpida Memory EDJ8232B5MB-DJ-F Datasheet HTML 9Page - Elpida Memory EDJ8232B5MB-DJ-F Datasheet HTML 10Page - Elpida Memory EDJ8232B5MB-DJ-F Datasheet HTML 11Page - Elpida Memory EDJ8232B5MB-DJ-F Datasheet HTML 12Page - Elpida Memory EDJ8232B5MB-DJ-F Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
9
Single-Ended AC and DC Input Levels for DQ and DM
Parameter
Symbol
min.
typ.
max.
Unit
Notes
DC input logic high
VIHDQ (DC100)
VREF
 0.100
VDD
V
1, 5
DC input logic low
VILDQ (DC100)
VSS
VREF
 0.100
V
1, 6
AC input logic high
VIHDQ (AC150)
VREF
 0.150
*2
1, 2, 7
AC input logic low
VILDQ (AC150)
*2
VREF
 0.150
1, 2, 8
Input reference
voltage for DQ, DM
inputs
VREFDQ (DC)
0.49
 VDD
0.51
 VDD
V
3, 4
Notes: 1. For DQ and DM: VREF = VREFDQ (DC).
2. See Overshoot and Undershoot Specifications section.
3. The AC peak noise on VREF may not allow VREF to deviate from VREFDQ (DC) by more than
1% VDD
(for reference: approx.
15 mV).
4. For reference: approx. VDD/2
15 mV.
5. VIH (DC) is used as a simplified symbol for VIHDQ (DC100)
6. VIL (DC) is used as a simplified symbol for VILDQ (DC100)
7. VIH(AC) is used as a simplified symbol for VIHDQ (AC150); VIHDQ (AC150) value is used when VREF
+ 0.150V is referenced.
8. VIL (AC) is used as a simplified symbol for VILDQ (AC150) ; VILDQ (AC150) value is used when VREF
 0.150V is referenced.


Similar Part No. - EDJ8232B5MB-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ8232E5MB ELPIDA-EDJ8232E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
EDJ8232E5MB-DJ-F ELPIDA-EDJ8232E5MB-DJ-F Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
EDJ8232E5MB-GN-F ELPIDA-EDJ8232E5MB-GN-F Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
More results

Similar Description - EDJ8232B5MB-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ8216E5MB ELPIDA-EDJ8216E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
EDJ8232E5MB ELPIDA-EDJ8232E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
logo
Hynix Semiconductor
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
   4Gb DDR3 SDRAM DDP(2Gbx2)
logo
Kingston Technology Far...
D1028AN9CPGRK-U KINGSTON-D1028AN9CPGRK-U Datasheet
1Mb / 41P
   8G bits DDR4 SDRAM
logo
Elpida Memory
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ5304BASE ELPIDA-EDJ5304BASE Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDJ1108BDBG ELPIDA-EDJ1108BDBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BBSE ELPIDA-EDJ1104BBSE Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
EDJ1104BASE ELPIDA-EDJ1104BASE Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com