Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ1108BBSE-8A-F Datasheet(PDF) 1 Page - Elpida Memory

Part # EDJ1108BBSE-8A-F
Description  1G bits DDR3 SDRAM
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1108BBSE-8A-F Datasheet(HTML) 1 Page - Elpida Memory

  EDJ1108BBSE-8A-F Datasheet HTML 1Page - Elpida Memory EDJ1108BBSE-8A-F Datasheet HTML 2Page - Elpida Memory EDJ1108BBSE-8A-F Datasheet HTML 3Page - Elpida Memory EDJ1108BBSE-8A-F Datasheet HTML 4Page - Elpida Memory EDJ1108BBSE-8A-F Datasheet HTML 5Page - Elpida Memory EDJ1108BBSE-8A-F Datasheet HTML 6Page - Elpida Memory EDJ1108BBSE-8A-F Datasheet HTML 7Page - Elpida Memory EDJ1108BBSE-8A-F Datasheet HTML 8Page - Elpida Memory EDJ1108BBSE-8A-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 151 page
background image
Document No. E1375E50 (Ver. 5.0)
Date Published April 2009 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2008-2009
DATA SHEET
1G bits DDR3 SDRAM
EDJ1104BBSE (256M words
× 4 bits)
EDJ1108BBSE (128M words
× 8 bits)
EDJ1116BBSE (64M words
× 16 bits)
Specifications
• Density: 1G bits
• Organization
 32M words × 4 bits × 8 banks (EDJ1104BBSE)
 16M words × 8 bits × 8 banks (EDJ1108BBSE)
 8M words × 16 bits × 8 banks (EDJ1116BBSE)
• Package
 78-ball FBGA (EDJ1104/1108BBSE)
 96-ball FBGA (EDJ1116BBSE)
 Lead-free (RoHS compliant) and Halogen-free
• Power supply: VDD, VDDQ = 1.5V ± 0.075V
• Data rate
 1600Mbps/1333Mbps/1066Mbps/800Mbps (max.)
• 1KB page size (EDJ1104/1108BBSE)
 Row address: A0 to A13
 Column address: A0 to A9, A11 (EDJ1104BBSE)
A0 to A9 (EDJ1108BBSE)
• 2KB page size (EDJ1116BBSE)
 Row address: A0 to A12
 Column address: A0 to A9
• Eight internal banks for concurrent operation
• Interface: SSTL_15
• Burst lengths (BL): 8 and 4 with Burst Chop (BC)
• Burst type (BT):
 Sequential (8, 4 with BC)
 Interleave (8, 4 with BC)
• /CAS Latency (CL): 5, 6, 7, 8, 9, 10, 11
• /CAS Write Latency (CWL): 5, 6, 7, 8
• Precharge: auto precharge option for each burst
access
• Driver strength: RZQ/7, RZQ/6 (RZQ = 240Ω)
• Refresh: auto-refresh, self-refresh
Refresh cycles
 Average refresh period
7.8
µs at 0°C ≤ TC ≤ +85°C
3.9
µs at +85°C < TC ≤ +95°C
• Operating case temperature range
 TC = 0°C to +95°C
Features
• Double-data-rate architecture; two data transfers per
clock cycle
• The high-speed data transfer is realized by the 8 bits
prefetch pipelined architecture
• Bi-directional differential data strobe (DQS and /DQS)
is transmitted/received with data for capturing data at
the receiver
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Posted /CAS by programmable additive latency for
better command and data bus efficiency
• On-Die Termination (ODT) for better signal quality
 Synchronous ODT
 Dynamic ODT
 Asynchronous ODT
• Multi Purpose Register (MPR) for temperature read
out
• ZQ calibration for DQ drive and ODT
• Programmable Partial Array Self-Refresh (PASR)
• /RESET pin for Power-up sequence and reset
function
• SRT range:
 Normal/extended
• Programmable Output driver impedance control
This product became EOL in June, 2010.


Similar Part No. - EDJ1108BBSE-8A-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1108BABG ELPIDA-EDJ1108BABG Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BABG-8A-E ELPIDA-EDJ1108BABG-8A-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BABG-8C-E ELPIDA-EDJ1108BABG-8C-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BABG-AC-E ELPIDA-EDJ1108BABG-AC-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1108BABG-AE-E ELPIDA-EDJ1108BABG-AE-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
More results

Similar Description - EDJ1108BBSE-8A-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BASE ELPIDA-EDJ1104BASE Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
E1729E30 ELPIDA-E1729E30 Datasheet
448Kb / 33P
   1G bits DDR3 SDRAM
EDJ1108BDBG ELPIDA-EDJ1108BDBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFSE ELPIDA-EDJ1104BFSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1108BABG ELPIDA-EDJ1108BABG Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com