Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDW2032BBBG-40-F Datasheet(PDF) 7 Page - Elpida Memory

Part # EDW2032BBBG-40-F
Description  2G bits GDDR5 SGRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDW2032BBBG-40-F Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDW2032BBBG-40-F Datasheet HTML 3Page - Elpida Memory EDW2032BBBG-40-F Datasheet HTML 4Page - Elpida Memory EDW2032BBBG-40-F Datasheet HTML 5Page - Elpida Memory EDW2032BBBG-40-F Datasheet HTML 6Page - Elpida Memory EDW2032BBBG-40-F Datasheet HTML 7Page - Elpida Memory EDW2032BBBG-40-F Datasheet HTML 8Page - Elpida Memory EDW2032BBBG-40-F Datasheet HTML 9Page - Elpida Memory EDW2032BBBG-40-F Datasheet HTML 10Page - Elpida Memory EDW2032BBBG-40-F Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
EDW2032BBBG
Data Sheet E1864E10 (Ver. 1.0)
7
1.2
Mirror Function Mode
The GDDR5 SGRAM provides a mirror function (MF) pin to change the physical location of the command, address,
data and WCK pins assisting in routing devices back to back. The MF ball should be tied directly to VSSQ or VDDQ
depending on the control line orientation desired.
The pins affected by this Mirror Function mode are listed in Table 2.
Table 2: Ball Assignment with Mirror Function
Functions within the GDDR5 SGRAM that refer to external signals are transparent with respect to Mirror Function
mode, meaning that the signal names shown in the respective functional description apply both to mirrored (MF=1)
and non-mirrored (MF=0) modes. The referenced package pin is determined by the Mirror Function mode the
devices is configured to.
1.3
Clamshell Mode Detection
The GDDR5 SGRAM can operate in a x32 mode or a x16 mode to allow a clamshell configuration with a point to
point connection on the high speed data signals. The disabled pins in x16 mode will be in Hi-Z state, non-terminating.
The x16 mode is detected at power-up on the pin at location C-13 which is EDC1 when configured to MF=0 and
EDC2 when configured to MF=1. For x16 mode this pin is tied to VSSQ; the pin is part of the two bytes that are
disabled in this mode and therefore not needed for EDC functionality. For x32 mode this pin is active and always
terminated to VDDQ in the system or by the controller. The configuration is set with /RESET going high. Once the
configuration has been set, it cannot be changed during normal operation. Usually the configuration is fixed in the
system.
Table 3: Clamshell Mode and Mirror Function
Ball
Signal
Ball
Signal
Ball
Signal
Ball
Signal
MF=0
MF=1
MF=0
MF=1
MF=0
MF=1
MF=0
MF=1
A2
DQ1
DQ25
A4
DQ0
DQ24
K5
A11 A6
A9 A1
G12
/CS
/WE
B2
DQ3
DQ27
B4
DQ2
DQ26
P5
/WCK23 /WCK01
L12
/WE
/CS
C2
EDC0
EDC3
D4
WCK01 WCK23
H10
BA3 A3 BA1 A5
A13
DQ9
DQ17
D2
/DBI0
/DBI3
E4
DQ4
DQ28
K10
BA1 A5 BA3 A3
B13
DQ11
DQ19
E2
DQ5
DQ29
F4
DQ6
DQ30
A11
DQ8
DQ16
C13
EDC1
EDC2
F2
DQ7
DQ31
H4
A10 A0
A8 A7
B11
DQ10
DQ18
D13
/DBI1
/DBI2
M2
DQ31
DQ7
K4
A8 A7
A10 A0
E11
DQ12
DQ20
E13
DQ13
DQ21
N2
DQ29
DQ5
M4
DQ30
DQ6
F11
DQ14
DQ22
F13
DQ15
DQ23
P2
/DBI3
/DBI0
N4
DQ28
DQ4
H11
BA0 A2 BA2 A4
M13
DQ23
DQ15
R2
EDC3
EDC0
P4
WCK23 WCK01
K11
BA2 A4 BA0 A2
N13
DQ21
DQ13
T2
DQ27
DQ3
T4
DQ26
DQ2
M11
DQ22
DQ14
P13
/DBI2
/DBI1
U2
DQ25
DQ1
U4
DQ24
DQ0
N11
DQ20
DQ12
R13
EDC2
EDC1
G3
/RAS
/CAS
D5
/WCK01 /WCK23
T11
DQ18
DQ10
T13
DQ19
DQ11
L3
/CAS
/RAS
H5
A9 A1
A11 A6
U11
DQ16
DQ8
U13
DQ17
DQ9
Mode
MF
EDC1 (MF=0) or EDC2 (MF=1)
x16 non-mirrored
VSSQ
VSSQ
x32 non-mirrored
VSSQ
VDDQ (terminated by the system or controller)
x16 mirrored
VDDQ
VSSQ
x32 mirrored
VDDQ
VDDQ (terminated by the system or controller)


Similar Part No. - EDW2032BBBG-40-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDW2032BBBG-6A-F ELPIDA-EDW2032BBBG-6A-F Datasheet
222Kb / 17P
   2G bits GDDR5 SGRAM
EDW2032BBBG-7A-F ELPIDA-EDW2032BBBG-7A-F Datasheet
222Kb / 17P
   2G bits GDDR5 SGRAM
More results

Similar Description - EDW2032BBBG-40-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDW2032BBBG-7A-F ELPIDA-EDW2032BBBG-7A-F Datasheet
222Kb / 17P
   2G bits GDDR5 SGRAM
EDW1032BBBG ELPIDA-EDW1032BBBG Datasheet
477Kb / 16P
   1G bits GDDR5 SGRAM
EDW4032BABG-70-F ELPIDA-EDW4032BABG-70-F Datasheet
222Kb / 17P
   4G bits GDDR5 SGRAM
logo
Hynix Semiconductor
H5GQ2H24AFR HYNIX-H5GQ2H24AFR Datasheet
2Mb / 172P
   2Gb (64Mx32) GDDR5 SGRAM
H5GQ1H24AFR HYNIX-H5GQ1H24AFR Datasheet
2Mb / 173P
   1Gb (32Mx32) GDDR5 SGRAM
logo
Elpida Memory
E1750E31 ELPIDA-E1750E31 Datasheet
606Kb / 32P
   2G bits DDR3L SDRAM
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2104ABSE ELPIDA-EDE2104ABSE Datasheet
782Kb / 81P
   2G bits DDR2 SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com