Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0041.2301 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 0041.2301
Description  Illuminated pushbutton EMF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0041.2301 Datasheet(HTML) 5 Page - Schurter Inc.

  0041.2301 Datasheet HTML 1Page - Schurter Inc. 0041.2301 Datasheet HTML 2Page - Schurter Inc. 0041.2301 Datasheet HTML 3Page - Schurter Inc. 0041.2301 Datasheet HTML 4Page - Schurter Inc. 0041.2301 Datasheet HTML 5Page - Schurter Inc. 0041.2301 Datasheet HTML 6Page - Schurter Inc. 0041.2301 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0886.0005
24 mm x 18 mm
Rechteckig
Rectangular
0886.0004
24 mm x 30 mm
Rechteckig
Rectangular
Quadratisch
Square
0886.0010
25 mm x 20 mm
Rechteckig Einzelmontage
Rectangular single mounting
0886.0002
24 mm x 30 mm
0886.0001
24 mm x 24 mm
0886.0003
24 mm x 24 mm
0886.0006
18 mm x 18 mm
0886.0007
18 mm x 18 mm
0886.0011
25 mm x 20 mm
0886.0012
20 mm x 20 mm
0886.0013
20 mm x 20 mm
Rechteckig Einzelmontage
Rectangular single mounting
Quadratisch
Square
Quadratisch
Square
Rund
Round
Zubehör EMF
Accessories EMF
Rechteckig Einzelmontage / Reihenmontage
Rectangular single / in-mounting
Quadratisch
Square
Rund
Round
Schutzabdeckung
Protection shield
Spritzwasserschutz IP 67
Splash guards
Schutzklappe
Protection cap
Blindabdeckung
Blanking plate
Gehäuseform
Housing
Ausführungen
Models
Artikelnummer
Part Number
Rastermaß Reihenmontage
Spacing inline mounting


Similar Part No. - 0041.2301

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0041.0401 SCHURTER-0041.0401 Datasheet
263Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
04.01.2022
0041.0402 SCHURTER-0041.0402 Datasheet
114Kb / 3P
   DATA SWITCHES.MOMENTARY (SDK) ACTION
0041.0402 SCHURTER-0041.0402 Datasheet
263Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
04.01.2022
0041.0411 SCHURTER-0041.0411 Datasheet
114Kb / 3P
   DATA SWITCHES.MOMENTARY (SDK) ACTION
0041.8841.3107 SCHURTER-0041.8841.3107 Datasheet
404Kb / 4P
   Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
More results

Similar Description - 0041.2301

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
logo
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST06 SCHNEIDER-XB5AWCUST06 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST10 SCHNEIDER-XB5AWCUST10 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com