Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKT100 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # SKT100
Description  Phase Control Thyristors, 100A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

SKT100 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  SKT100 Datasheet HTML 1Page - Naina Semiconductor ltd. SKT100 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Phase Control Thyristors
Features
Improved glass passivation for high reliability
Exceptional stability at high temperatures
High di/dt and dv/dt capabilities
Metric thread type available
Low thermal resistance
Thermal and Mechanical Specifications
(TJ
Parameters
Maximum operating junction temperature range
Maximum storage temperature range
Maximum thermal resistance, junction to case
Mounting torque
Approximate weight
Electrical Ratings (TJ = 250C, unless otherwise noted)
Parameters
Symbol
Maximum on-state average current 180
O
sinusoidal conduction @ TJ = 85
0C
Maximum RMS on-state current
Maximum peak, one cycle non-repetitive
surge current
Maximum I
2t for fusing
Maximum repetitive peak on and off-state
voltage range
Maximum peak on-state voltage (TJ = 25
0C,
Ipeak = 79A)
Maximum holding current @ TJ
Maximum latching current @TJ
Maximum rate of rise of turn-on current,
VDRM ≤ 600V
Critical rate of rise of
off-state voltage
TJ = TJ maximum,
100% VDRM
TJ = TJ maximum,
67% VDRM
Maximum gate
current required to
trigger
anode supply 6 V
resistive load @TJ
Maximum gate
voltage required to
trigger
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Phase Control Thyristors, 100A
glass passivation for high reliability
Exceptional stability at high temperatures
TO-209AC (
J = 25
0C, unless otherwise noted)
Symbol
Values
Maximum operating junction temperature range
TJ
- 60 to
TStg
- 60 to
Rth(JC)
0.
0.2(min) to 0.3(max)
C, unless otherwise noted)
Symbol
Values
Units
IT(AV)
100
A
IT(RMS)
157
A
ITSM
2020
A
I
2t
2400
A
2s
VRRM,
VDRM
400 to
1600
V
VTM
1.39
V
IH
150
mA
IL
400
mA
di/dt
200
A/µs
dv/dt
100
V/µs
300
IGT
150
mA
VGT
1.9
V
100NT
4205450
Fax: 0120-4273653
209AC (TO-94)
Values
Units
to +125
0C
to +125
0C
0.36
0C/W
0.2(min) to 0.3(max)
mkg
14
g


Similar Part No. - SKT100

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKT100 SEMIKRON-SKT100 Datasheet
543Kb / 5P
   Line Thyristor
SKT1000 SEMIKRON-SKT1000 Datasheet
842Kb / 4P
   Line Thyristor
SKT1000 SEMIKRON-SKT1000 Datasheet
844Kb / 4P
   Line Thyristor
SKT1000-12E SEMIKRON-SKT1000-12E Datasheet
844Kb / 4P
   Line Thyristor
SKT1000-12EL2 SEMIKRON-SKT1000-12EL2 Datasheet
844Kb / 4P
   Line Thyristor
More results

Similar Description - SKT100

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NT NAINA-100NT_17 Datasheet
158Kb / 2P
   Phase Control Thyristors, 100A
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com