Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM67Q909ZP12 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM67Q909ZP12
Description  512K x 9 Bit Separate I/O Synchronous Fast Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67Q909ZP12 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM67Q909ZP12 Datasheet HTML 1Page - Motorola, Inc MCM67Q909ZP12 Datasheet HTML 2Page - Motorola, Inc MCM67Q909ZP12 Datasheet HTML 3Page - Motorola, Inc MCM67Q909ZP12 Datasheet HTML 4Page - Motorola, Inc MCM67Q909ZP12 Datasheet HTML 5Page - Motorola, Inc MCM67Q909ZP12 Datasheet HTML 6Page - Motorola, Inc MCM67Q909ZP12 Datasheet HTML 7Page - Motorola, Inc MCM67Q909ZP12 Datasheet HTML 8Page - Motorola, Inc MCM67Q909ZP12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MCM67Q909
3
MOTOROLA FAST SRAM
TRUTH TABLE
E
(tn)
W
(tn)
G
(tn + 1)
Mode
D0 – D8
(tn)
Q0 – Q8
(tn + 1)
VCC
Current
L
L
L
Write and
Pass–Through
Valid
D0 – D8 (tn)
ICC
H
Write
Valid
High–Z
ICC
H
L
L
Pass–Through
Valid
D0 – D8 (tn)
ICC
H
L
H
Pass–Through
Don’t Care
High–Z
ICC
X
H
L
Read
Don’t Care
Qout (tn)
ICC
X
H
H
Read
Don’t Care
High–Z
ICC
ABSOLUTE MAXIMUM RATINGS (See Note)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
– 0.5 to + 7.0
V
Voltage Relative to VSS for Any Pin
Except VCC
Vin, Vout
– 0.5 to VCC + 0.5
V
Output Current
Iout
± 30
mA
Power Dissipation
PD
1.7
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TA
0 to + 70
°C
Storage Temperature — Plastic
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 5%, TA = 0 to + 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS AND SUPPLY CURRENTS
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
4.75
5.25
V
Input High Voltage
VIH
2.2
VCC + 0.3**
V
Input Low Voltage
VIL
– 0.5*
0.8
V
Input Leakage Current (All Inputs, Vin = 0 to VCC)
Ilkg(I)
± 1.0
µA
Output Leakage Current (E = VIH, Vout = 0 to VCC)
Ilkg(O)
± 1.0
µA
AC Supply Current (Iout = 0 mA) (VCC = max, f = fmax)
MCM67Q909–12 ns
ICCA
230
mA
Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
3.3
V
*VIL (min) = – 0.5 V dc; VIL (min) = – 2.0 V ac (pulse width ≤ 20 ns) for I ≤ 20.0 mA.
** VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2.0 V ac (pulse width ≤ 20 ns) for I ≤ 20.0 mA.
This is a synchronous device. All synchro-
nous inputs must meet specified setup and hold
times with stable logic levels for
ALL rising
edges of clock (K) while the device is selected.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to these high–impedance
circuits.


Similar Part No. - MCM67Q909ZP12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q709AZP10 MOTOROLA-MCM67Q709AZP10 Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q709AZP10R MOTOROLA-MCM67Q709AZP10R Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
More results

Similar Description - MCM67Q909ZP12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM62110 MOTOROLA-MCM62110 Datasheet
206Kb / 12P
   32K x 9 Bit Synchronous Dual I/O or Separate I/O Fast Static RAM with Parity Checker
MCM67D709 MOTOROLA-MCM67D709 Datasheet
175Kb / 12P
   128K x 9 Bit Synchronous Dual I/O Fast Static RAM
logo
Toshiba Semiconductor
TC554101J-20 TOSHIBA-TC554101J-20 Datasheet
433Kb / 8P
   1,048,576 WORD x 4 BIT SEPARATE I/O CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1001 CYPRESS-CY7C1001 Datasheet
587Kb / 9P
   256K x 4 Static RAM with Separate I/O
CY7C192 CYPRESS-CY7C192 Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
CY7C192 CYPRESS-CY7C192_06 Datasheet
252Kb / 8P
   64K x 4 Static RAM with Separate I/O
logo
Hitachi Semiconductor
HM62G18512 HITACHI-HM62G18512 Datasheet
121Kb / 23P
   8M Synchronous Fast Static RAM(512k-word x 18-bit)
logo
National Semiconductor ...
MM2101 NSC-MM2101 Datasheet
252Kb / 3P
   1024-bit (256 x 4) static MOS RAM with separate I/O
logo
Motorola, Inc
MCM32515 MOTOROLA-MCM32515 Datasheet
79Kb / 8P
   512K x 32 Bit Fast Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com