Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-A5066 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # Q67000-A5066
Description  Control IC for Switched-Mode Power Supplies using MOS-Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A5066 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button Q67000-A5066 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A5066 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A5066 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A5066 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A5066 Datasheet HTML 10Page - Siemens Semiconductor Group Q67000-A5066 Datasheet HTML 11Page - Siemens Semiconductor Group Q67000-A5066 Datasheet HTML 12Page - Siemens Semiconductor Group Q67000-A5066 Datasheet HTML 13Page - Siemens Semiconductor Group Q67000-A5066 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Semiconductor Group
83
TDA 4605-3
Characteristics
TA = 25 ˚C; VS = 10 V
Parameter
Symbol
Limit Values
Unit
Test Condition
Test
Circuit
min.
typ.
max.
Start-Up Hysteresis
Start-up current drain
I6E0
0.6
0.8
mA
V6 = V6E
1
Switch-on voltage
V6E
11
12
13
V
1
Switch-off voltage
V6A
4.5
5
5.5
V
1
Switch-on current
I6E1
7
1114mA
V6 = V6E
1
Switch-off current
I6A1
5
1013mA
V6 = V6A
1
Voltage Clamp (
V6 = 10 V, IC switched off)
At pin 2 (
V6 V6E)
At pin 3 (
V6 V6E)
V2 max
V3 max
5.6
5.6
6.6
6.6
8
8
V
V
I2 = 1 mA
I3 = 1 mA
1
1
Control Range
Control input voltage
V1R
390
400
410
mV
2
Voltage gain of the
control circuit in the
control range
VR
30
43
60
dB
VR = d
(
V2S V2B) / – dV1
f = 1 kHz
2
Primary Current Simulation Voltage
Basic value
V2B
0.97
1.00
1.03
V
2
Overload Range and Short-Circuit Operation
Peak value in the
range of secondary
overload
V2B
2.9
3.0
3.1
V
V1 = V1R – 10 mV
2
Peak value in the
range of secondary
short-circuit operation
V2K
2.2
2.4
2.6
V
V1 = 0 V
2
Fold-Back Point Correction
Fold-back point
correction current
I2
300
500
650
µA
V3 = 3.7 V
1


Similar Part No. - Q67000-A5066

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67000-A5066 INFINEON-Q67000-A5066 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
More results

Similar Description - Q67000-A5066

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com