Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC600F100JT250XT Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # ATC600F100JT250XT
Description  RF Power LDMOS Transistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC600F100JT250XT Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  ATC600F100JT250XT Datasheet HTML 1Page - Freescale Semiconductor, Inc ATC600F100JT250XT Datasheet HTML 2Page - Freescale Semiconductor, Inc ATC600F100JT250XT Datasheet HTML 3Page - Freescale Semiconductor, Inc ATC600F100JT250XT Datasheet HTML 4Page - Freescale Semiconductor, Inc ATC600F100JT250XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC600F100JT250XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC600F100JT250XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC600F100JT250XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC600F100JT250XT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
AFT09MS031NR1 AFT09MS031GNR1
TYPICAL CHARACTERISTICS
20
1
100
010
5
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 2. Capacitance versus Drain--Source Voltage
15
10
0
5
4
2
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 3. Drain Current versus Drain--Source Voltage
6
2
VGS =4.0 Vdc
Note: Measured with both sides of the transistor tied together.
4
3
1
10
812
16
14
18
20
TA =25°C
2.5 Vdc
0
Crss
Ciss
Coss
300
6
7
8
9
3.0 Vdc
3.25 Vdc
3.5 Vdc
250
109
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. MTTF versus Junction Temperature -- CW
Note:
MTTF value represents the total cumulative operating time
under indicated test conditions.
107
106
104
110
130
150
170
190
210
230
108
105
VDD = 13.6 Vdc
ID =2.6 Amps
3.2 Amps
3.9 Amps
Measured with ±30 mV(rms)ac @ 1 MHz
VGS =0 Vdc


Similar Part No. - ATC600F100JT250XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ATC600F100JT250XT NXP-ATC600F100JT250XT Datasheet
673Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 5/2010
ATC600F100JT250XT NXP-ATC600F100JT250XT Datasheet
185Kb / 8P
   RF Power GaN Transistor
ATC600F100JT250XT NXP-ATC600F100JT250XT Datasheet
389Kb / 16P
   RF Power LDMOS Transistor
ATC600F100JT250XT NXP-ATC600F100JT250XT Datasheet
1Mb / 25P
   Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
ATC600F100JT250XT NXP-ATC600F100JT250XT Datasheet
761Kb / 18P
   1800–2200 MHz, 32 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 01/2022
More results

Similar Description - ATC600F100JT250XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com