Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F40-75HCP Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN25F40-75HCP
Description  4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F40-75HCP Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN25F40-75HCP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25F40-75HCP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F40-75HCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F40-75HCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F40-75HCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F40-75HCP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F40-75HCP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F40-75HCP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F40-75HCP Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
8
EN25F40
Rev. I, Issue Date: 2010/05/31
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protect Areas
Addresses
Density(KB)
Portion
0
0
0
None
None
None
None
0
0
1
Sector 0 to 125
000000h-07DFFFh
504KB
Lower 126/128
0
1
0
Sector 0 to 123
000000h-07BFFFh
496KB
Lower 124/128
0
1
1
Sector 0 to 119
000000h-077FFFh
480KB
Lower 120/128
1
0
0
Sector 0 to 111
000000h-06FFFFh
448KB
Lower 112/128
1
0
1
Sector 0 to 95
000000h-05FFFFh
384KB
Lower 96/128
1
1
0
Sector 0 to 63
000000h-03FFFFh
256KB
Lower 64/128
1
1
1
All
000000h-07FFFFh
512KB
All
Hold Function
The Hold (HOLD) signal is used to pause any serial communications with the device without resetting
the clocking sequence. However, taking this signal Low does not terminate any Write Status Register,
Program or Erase cycle that is currently in progress.
To enter the Hold condition, the device must be selected, with Chip Select (CS#) Low. The Hold
condition starts on the falling edge of the Hold (HOLD) signal, provided that this coincides with Serial
Clock (CLK) being Low (as shown in Figure 4.).
The Hold condition ends on the rising edge of the Hold (HOLD) signal, provided that this coincides with
Serial Clock (CLK) being Low.
If the falling edge does not coincide with Serial Clock (CLK) being Low, the Hold condition starts after
Serial Clock (CLK) next goes Low. Similarly, if the rising edge does not coincide with Serial Clock (CLK)
being Low, the Hold condition ends after Serial Clock (CLK) next goes Low. (This is shown in Figure 4.).
During the Hold condition, the Serial Data Output (DO) is high impedance, and Serial Data Input (DI)
and Serial Clock (CLK) are Don’t Care.
Normally, the device is kept selected, with Chip Select (CS#) driven Low, for the whole duration of the
Hold condition. This is to ensure that the state of the internal logic remains unchanged from the moment
of entering the Hold condition.
If Chip Select (CS#) goes High while the device is in the Hold condition, this has the effect of resetting
the internal logic of the device. To restart communication with the device, it is necessary to drive Hold
(HOLD) High, and then to drive Chip Select (CS#) Low. This prevents the device from going back to the
Hold condition.
Figure 4. Hold Condition Waveform
INSTRUCTIONS


Similar Part No. - EN25F40-75HCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F40-75HCP EON-EN25F40-75HCP Datasheet
462Kb / 33P
   4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
More results

Similar Description - EN25F40-75HCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40_1 Datasheet
1Mb / 35P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
   32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80_1 Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10_11 Datasheet
553Kb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F16 EON-EN25F16 Datasheet
455Kb / 35P
   16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF20 EON-EN25LF20 Datasheet
415Kb / 30P
   2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com