Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC600F390JT250XT Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # ATC600F390JT250XT
Description  RF Power LDMOS Transistors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC600F390JT250XT Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  ATC600F390JT250XT Datasheet HTML 1Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 2Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 3Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 4Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC600F390JT250XT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS = 13.6 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
1.6
pF
Output Capacitance
(VDS = 13.6 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
49.5
pF
Input Capacitance
(VDS = 13.6 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
109
pF
Functional Tests (1) (In Freescale Narrowband Test Fixture, 50 ohm system) VDD = 13.6 Vdc, IDQ =10 mA, Pout = 31W,f= 520 MHz
Common--Source Amplifier Power Gain
Gps
16.5
17.7
19.0
dB
Drain Efficiency
ηD
70.0
71.4
%
Load Mismatch/Ruggedness (In Freescale Test Fixture, 50 ohm system, IDQ =10 mA)
Frequency
(MHz)
Signal
Type
VSWR
Pout
(W)
Test Voltage, VDD
Result
520
CW
>65:1 at all Phase Angles
47
(3 dB Overdrive)
17
No Device Degradation
1. Measurement made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GN) parts.


Similar Part No. - ATC600F390JT250XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
ATC600F390JT250XT FREESCALE-ATC600F390JT250XT Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
ATC600F390JT250XT NXP-ATC600F390JT250XT Datasheet
784Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 5/2012
ATC600F390JT250XT NXP-ATC600F390JT250XT Datasheet
393Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2009
ATC600F390JT250XT NXP-ATC600F390JT250XT Datasheet
255Kb / 8P
   RF Power LDMOS Transistor
Rev. 0, 02/2019
ATC600F390JT250XT NXP-ATC600F390JT250XT Datasheet
254Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 02/2019
More results

Similar Description - ATC600F390JT250XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com