Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25LF40-75HIP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN25LF40-75HIP
Description  4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25LF40-75HIP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN25LF40-75HIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25LF40-75HIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25LF40-75HIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25LF40-75HIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25LF40-75HIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25LF40-75HIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25LF40-75HIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25LF40-75HIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25LF40-75HIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
6
EN25LF40
Rev. G, Issue Date: 2010/05/31
OPERATING FEATURES
SPI Modes
The EN25LF40 is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK), Chip Select (CS#), Serial Data Input (DI) and Serial Data Output (DO). Both SPI bus operation
Modes 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and Mode 3, as
shown in Figure 3, concerns the normal state of the CLK signal when the SPI bus master is in standby
and data is not being transferred to the Serial Flash. For Mode 0 the CLK signal is normally low. For
Mode 3 the CLK signal is normally high. In either case data input on the DI pin is sampled on the rising
edge of the CLK. Data output on the DO pin is clocked out on the falling edge of CLK.
Figure 3. SPI Modes
Page Programming
To program one data byte, two instructions are required: Write Enable (WREN), which is one byte, and
a Page Program (PP) sequence, which consists of four bytes plus data. This is followed by the internal
Program cycle (of duration tPP).
To spread this overhead, the Page Program (PP) instruction allows up to 256 bytes to be programmed
at a time (changing bits from 1 to 0), provided that they lie in consecutive addresses on the same page
of memory.
Sector Erase, Block Erase and Chip Erase
The Page Program (PP) instruction allows bits to be reset from 1 to 0. Before this can be applied, the
bytes of memory need to have been erased to all 1s (FFh). This can be achieved a sector at a time,
using the Sector Erase (SE) instruction, a block at a time using the Block Erase (BE) instruction or
throughout the entire memory, using the Chip Erase (CE) instruction. This starts an internal Erase cycle
(of duration tSE tBE or tCE). The Erase instruction must be preceded by a Write Enable (WREN)
instruction.
Polling During a Write, Program or Erase Cycle
A further improvement in the time to Write Status Register (WRSR), Program (PP) or Erase (SE, BE or
CE ) can be achieved by not waiting for the worst case delay (tW, tPP, tSE, tBE or tCE). The Write In
Progress (WIP) bit is provided in the Status Register so that the application program can monitor its
value, polling it to establish when the previous Write cycle, Program cycle or Erase cycle is complete.
Active Power, Stand-by Power and Deep Power-Down Modes
When Chip Select (CS#) is Low, the device is enabled, and in the Active Power mode. When Chip
Select (CS#) is High, the device is disabled, but could remain in the Active Power mode until all internal
cycles have completed (Program, Erase, Write Status Register). The device then goes into the Stand-by
Power mode. The device consumption drops to ICC1.
The Deep Power-down mode is entered when the specific instruction (the Enter Deep Power-down
Mode (DP) instruction) is executed. The device consumption drops further to ICC2. The device remains in
this mode until another specific instruction (the Release from Deep Power-down Mode and Read Device
ID (RDI) instruction) is executed.


Similar Part No. - EN25LF40-75HIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25LF40-75HIP EON-EN25LF40-75HIP Datasheet
482Kb / 32P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results

Similar Description - EN25LF40-75HIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40_1 Datasheet
1Mb / 35P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
   32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80_1 Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10_11 Datasheet
553Kb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F16 EON-EN25F16 Datasheet
455Kb / 35P
   16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF20 EON-EN25LF20 Datasheet
415Kb / 30P
   2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com