Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25Q40 Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN25Q40
Description  4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q40 Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN25Q40_11 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25Q40_11 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25Q40_11 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25Q40_11 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25Q40_11 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25Q40_11 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25Q40_11 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25Q40_11 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25Q40_11 Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
8
EN25Q40
Rev. F, Issue Date: 2011/11/02
All other instructions are ignored while the device is in the Deep Power-down mode. This can be used
as an extra software protection mechanism, when the device is not in active use, to protect the device
from inadvertent Write, Program or Erase instructions.
Status Register.
The Status Register contains a number of status and control bits that can be read or
set (as appropriate) by specific instructions.
WIP bit.
The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Status
Register, Program or Erase cycle.
WEL bit.
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
BP2, BP1, BP0 bits.
The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size of
the area to be software protected against Program and Erase instructions.
WPDIS bit.
The Write Protect disable (WPDIS) bit, non-volatile bit, when it is reset to “0” (factory
default) to enable WP# function or is set to “1” to disable WP# function (can be floating during SPI
mode.)
SRP bit / OTP_LOCK bit
The Status Register Protect (SRP) bit operates in conjunction with the Write
Protect (WP#) signal. The Status Register Protect (SRP) bit and Write Protect (WP#) signal allow the
device to be put in the Hardware Protected mode. In this mode, the non-volatile bits of the Status
Register (SRP, BP2, BP1, BP0) become read-only bits.
In OTP mode, this bit serves as OTP_LOCK bit, user can read/program/erase OTP sector as normal
sector while OTP_LOCK bit value is equal 0, after OTP_LOCK is programmed with 1 by WRSR
command, the OTP sector is protected from program and erase operation. The OTP_LOCK bit can only
be programmed once.
Note :
In OTP mode, the WRSR command will ignore any input data and program OTP_LOCK bit to 1,
user must clear the protect bits before entering OTP mode and program the OTP code, then execute
WRSR command to lock the OTP sector before leaving OTP mode.
Write Protection
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern the EN25Q40
provides the following data protection mechanisms:
Power-On Reset and an internal timer (tPUW) can provide protection against inadvertent changes
while the power supply is outside the operating specification.
Program, Erase and Write Status Register instructions are checked that they consist of a number
of clock pulses that is a multiple of eight, before they are accepted for execution.
All instructions that modify data must be preceded by a Write Enable (WREN) instruction to set
the Write Enable Latch (WEL) bit. This bit is returned to its reset state by the following events:
– Power-up
– Write Disable (WRDI) instruction completion or Write Status Register (WRSR) instruction
completion or Page Program (PP) instruction completion or Sector Erase (SE) instruction
completion or Block Erase (BE) instruction completion or Chip Erase (CE) instruction
completion
The Block Protect (BP2, BP1, BP0) bits allow part of the memory to be configured as read-only.
This is the Software Protected Mode (SPM).
The Write Protect (WP#) signal allows the Block Protect (BP2, BP1, BP0) bits and Status Register
Protect (SRP) bit to be protected. This is the Hardware Protected Mode (HPM).
In addition to the low power consumption feature, the Deep Power-down mode offers extra
software protection from inadvertent Write, Program and Erase instructions, as all instructions are
ignored except one particular instruction (the Release from Deep Power-down instruction).


Similar Part No. - EN25Q40_11

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q40-100GIP EON-EN25Q40-100GIP Datasheet
946Kb / 48P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40-100WIP EON-EN25Q40-100WIP Datasheet
946Kb / 48P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25Q40_11

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F40A EON-EN25F40A Datasheet
1Mb / 62P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40 EON-EN25Q40 Datasheet
946Kb / 48P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
   128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40 Datasheet
594Kb / 37P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
   1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com