Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25Q64-104HIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104HIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104HIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25Q64-104HIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25Q64-104HIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25Q64-104HIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25Q64-104HIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25Q64-104HIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25Q64-104HIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25Q64-104HIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25Q64-104HIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25Q64-104HIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
5
EN25Q64
Rev. J, Issue Date: 2011/07/07
Table 1. Pin Names
Symbol
Pin Name
CLK
Serial Clock Input
DI (DQ0)
Serial Data Input (Data Input Output 0)
*1
DO (DQ1)
Serial Data Output (Data Input Output 1)
*1
CS#
Chip Enable
WP# (DQ2)
Write Protect (Data Input Output 2)
*2
NC(DQ3)
Not Connect (Data Input Output 3)
*2
Vcc
Supply Voltage (2.7-3.6V)
Vss
Ground
NC
No Connect
Note:
1. DQ0 and DQ1 are used for Dual and Quad instructions.
2. DQ0 ~ DQ3 are used for Quad instructions.
SIGNAL DESCRIPTION
Serial Data Input, Output and IOs (DI, DO and DQ0, DQ1, DQ2, DQ3)
The EN25Q64 support standard SPI, Dual SPI and Quad SPI operation. Standard SPI instructions use
the unidirectional DI (input) pin to serially write instructions, addresses or data to the device on the
rising edge of the Serial Clock (CLK) input pin. Standard SPI also uses the unidirectional DO (output) to
read data or status from the device on the falling edge CLK.
Dual and Quad SPI instruction use the bidirectional IO pins to serially write instruction, addresses or
data to the device on the rising edge of CLK and read data or status from the device on the falling edge
of CLK.
Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations. ("See
SPI Mode")
Chip Select (CS#)
The SPI Chip Select (CS#) pin enables and disables device operation. When CS# is high the device is
deselected and the Serial Data Output (DO, or DQ0, DQ1, DQ2 and DQ3) pins are at high impedance.
When deselected, the devices power consumption will be at standby levels unless an internal erase,
program or status register cycle is in progress. When CS# is brought low the device will be selected,
power consumption will increase to active levels and instructions can be written to and data read from
the device. After power-up, CS# must transition from high to low before a new instruction will be
accepted.
Write Protect (WP#)
The Write Protect (WP#) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (BP0, BP1, BP2 and BP3) bits and Status Register
Protect (SRP) bits, a portion or the entire memory array can be hardware protected. The WP# function
is only available for standard SPI and Dual SPI operation, when during Quad SPI, this pin is the Serial
Data IO (DQ2) for Quad I/O operation.


Similar Part No. - EN25Q64-104HIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q64 EON-EN25Q64 Datasheet
1Mb / 60P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25Q64-104HIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q64 EON-EN25Q64 Datasheet
1Mb / 60P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH64 EON-EN25QH64 Datasheet
1Mb / 65P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
   128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
   1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com