Selected language     English  β–Ό


TDA4862 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part No. TDA4862
Description  Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 11 page
background image
TDA 4862
Semiconductor Group
11
1998-02-16
Output voltage swing
high state
V
VAOUTH
3.8
4.3
5.0
V
I
VAOUT = – 0.2 mA
V
VSENSE = 2.3 V
Output voltage swing
low state
V
VAOUTL
–
0.9
–
V
I
VAOUT = 0.5 A
V
VSENSE = 2.8 V
Overvoltage Regulator
Regulation current
I
RVAOUT
20
30
45
Β΅A
V
VAOUT = VMULTIN
= 4 V,
V
ISENSE = 0.5 V
Current Comparator
Input bias current
I
BISENSE
–1
–
–
Β΅A–
Input offset voltage
V
ISENSEO
–25
–
mV
V
MULTIN = 0 V,
V
VAOUT = 2.4 V
Max threshold voltage
V
ISENSEM
1.05
1.25
1.5
V
–
Delay to output1)
t
PHL
–
250
–
ns
–
Detector
Upper threshold voltage
(
V
DETIN increasing)
V
DETINU
–
2.5
2.75
V
–
Lower threshold voltage
(
V
DETIN decreasing)
V
DETINL
1.5
1.9
–
V
–
Hysteresis
V
DETINHY
–
0.6
–
V
–
Input current
I
BDETIN
–1
–
–
Β΅A
1.5 V <
V
DETIN
< 2.75 V
Input clamp voltage
High state
Low state
V
DETINHC
V
DETINLC
4
–
5
0.6
–
1
V
V
I
DETIN = 5 mA
I
DETIN = – 5 mA
1)
Guaranteed by design, not 100 % tested in production.
Electrical Characteristics (cont’d)
Unless otherwise stated,
V
CC = 12 V, – 40 Β°C < Tj < 150 Β°C.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4814Power Factor Controller IC for High Power Factor and Active Harmonic Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA4817Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 1 2 3 4 5 MoreSiemens Semiconductor Group
ICE1PD265GPower Factor Controller + Cool- MOS: BoostSET IC for High Power Factor and low THD 1 2 3 4 5 MoreInfineon Technologies AG
TDA4863-2Power Factor Controller IC for High Power Factor and Low THD 1 2 3 4 5 MoreInfineon Technologies AG
LT1768High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime 1 2 3 4 5 MoreLinear Technology
ICE1QS01Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction PFC 1 2 3 4 5 MoreInfineon Technologies AG
2N6671HIGH VOLTAGE NPN TYPES FOR OFF LINE POWER SUPPLIES AND OTHER HIGH VOLTAGE SWITCHING APPLICATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BDP951NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
HD1760JLHigh Voltage NPN Power Transistor for High Definition and New Super-Slim CRT Display 1 2 3 4 5 MoreSTMicroelectronics
TCU20A60FRD - For Power Factor Improvement High Frequency Rectification 1 2 3 4 5 Nihon Inter Electronics Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl