Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25S16 Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN25S16
Description  16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S16 Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN25S16 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
7
EN25S16
Rev. H, Issue Date: 2011/12/16
OPERATING FEATURES
Standard SPI Modes
The EN25S16 is accessed through an SPI compatible bus consisting of four signals: Serial Clock (CLK),
Chip Select (CS#), Serial Data Input (DI) and Serial Data Output (DO). Both SPI bus operation Modes 0
(0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and Mode 3, as shown in
Figure 3, concerns the normal state of the CLK signal when the SPI bus master is in standby and data
is not being transferred to the Serial Flash. For Mode 0 the CLK signal is normally low. For Mode 3 the
CLK signal is normally high. In either case data input on the DI pin is sampled on the rising edge of the
CLK. Data output on the DO pin is clocked out on the falling edge of CLK.
Figure 3. SPI Modes
Dual SPI Instruction
The EN25S16 supports Dual SPI operation when using the “ Dual Output Fast Read and Dual I/ O
FAST_READ “ (3Bh and BBh) instructions. These instructions allow data to be transferred to or from
the Serial Flash memory at two to three times the rate possible with the standard SPI. The Dual Read
instructions are ideal for quickly downloading code from Flash to RAM upon power-up (code-shadowing)
or for application that cache code-segments to RAM for execution. The Dual output feature simply
allows the SPI input pin to also serve as an output during this instruction. When using Dual SPI
instructions the DI and DO pins become bidirectional I/O pins; DQ0 and DQ1. All other operations use
the standard SPI interface with single output signal.
Quad SPI Instruction
The EN25S16 supports Quad output operation when using the Quad I/O Fast Read (EBh).This
instruction allows data to be transferred to or from the Serial Flash memory at four to six times the rate
possible with the standard SPI. The Quad Read instruction offer a significant improvement in
continuous and random access transfer rates allowing fast code-shadowing to RAM or for application
that cache code-segments to RAM for execution. The EN25S16 also supports full Quad Mode function
while using the Enable Quad Peripheral Interface mode (EQPI) (38h). When using Quad SPI instruction
the DI and DO pins become bidirectional I/O pins; DQ0 and DQ1, and the WP# and NC pins become
DQ2 and DQ3 respectively.


Similar Part No. - EN25S16

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S16

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com