Selected language     English  â–¼


TDA4862G Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. TDA4862G
Description  Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 5 page
background image
TDA 4862
Semiconductor Group
5
1998-02-16
Functional Description (cont’d)
MuItiplier
A one quadrant multiplier is the crucial circuitry that regulates the gate driver with respect
of the DC output voltage and the AC haversine input voltage of the preregulator. Both
inputs are designed for good linearity over a wide dynamic range, 0 V to 4.0 V for the
MULTIN and 2.5 V to 4.0 V for the
V
AOUT.
Current Sense Comparator and RS Latch
The multiplier output voltage is compared with the current sense voltage which
represents the current through the MOSFET. The current sense comparator in addition
with the logic ensures that only a single pulse appears at the drive output during a
given cycle. The multiplier output and the current sense threshold are internally clamped
at 1.3 V. So the gate drive MOSFET is protected against critical operating, as they occur
during start up. To prevent the input from negative pulses a special protection circuitry
is implemented. Switch-on current peaks are reduced by an internal RC-Filter.
Zero Current Detector
The zero current detector senses the inductor current via an auxiliary winding and
ensures that the next on-time is initiated immediately when the inductor current has
reached zero. This diminishes the reverse recovery losses of the boost converter diode.
Output switch conduction is terminated when the voltage drop of the shunt resistor
reaches the threshold level of the multiplier output. So the boost current waveform has
a triangular shape and there are no deadtime gaps between the cycles. This leads to a
continuous AC line current limiting the peak current to twice of the average current.
To prevent false tripping the zero current detector is designed as a Schmitt trigger with
a hysteresis of 0.6 V. An internal 5 V clamp protects the input from overvoltage
breakdown, a 0.6 V clamp prevents substrate injection. An external resistor must be
used in series with the auxiliary winding to limit the current through the clamps.
Timer
A restart timer function was added to the IC to eliminate the need for an oscillator when
used in stand-alone applications. The timer starts or restarts the TDA 4862 if the drive
output has been off for more than 15
µs after the inductor current reaches zero.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4814Power Factor Controller IC for High Power Factor and Active Harmonic Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA4817Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 1 2 3 4 5 MoreSiemens Semiconductor Group
ICE1PD265GPower Factor Controller + Cool- MOS: BoostSET IC for High Power Factor and low THD 1 2 3 4 5 MoreInfineon Technologies AG
TDA4863-2Power Factor Controller IC for High Power Factor and Low THD 1 2 3 4 5 MoreInfineon Technologies AG
LT1768High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime 1 2 3 4 5 MoreLinear Technology
ICE1QS01Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction PFC 1 2 3 4 5 MoreInfineon Technologies AG
2N6671HIGH VOLTAGE NPN TYPES FOR OFF LINE POWER SUPPLIES AND OTHER HIGH VOLTAGE SWITCHING APPLICATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BDP951NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
HD1760JLHigh Voltage NPN Power Transistor for High Definition and New Super-Slim CRT Display 1 2 3 4 5 MoreSTMicroelectronics
TCU20A60FRD - For Power Factor Improvement High Frequency Rectification 1 2 3 4 5 Nihon Inter Electronics Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl