Selected language     English  β–Ό


TDA4862G Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part No. TDA4862G
Description  Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 9 page
background image
TDA 4862
Semiconductor Group
9
1998-02-16
Operating Range
1) V
CCON means VCCH has been exceeded but the supply voltage is still above VCCL. The device has switched from
standby to active. For
VCCH and VCCL values see Electrical Characteristics. If 0 V < VCC < VCCON, the device
is in standby and output GTDRV is active low.
Absolute Maximum Ratings
Parameter
Symbol Limit Values Unit
Notes
min.
max.
Supply voltage at
V
CC
Pin 8
supply + Z-current
V
CC-GND
Pin 8
Current into
GTDRV
Pin 7
Clamping current into GTDRV
Pin 7
Clamping current into GTDRV
Pin 7
V
CC
I
CCZ
I
GTDRV
I
GTDCH
I
GTDCL
– 0.3
0
– 400
–
– 100
–
70
500
100
–
V
mA
mA
mA
mA
–
observe
P
max
observe
P
max
V
GTDRV > VCC
V
GTDRV < – 0.3 V
Voltage at
V
SENSE
Pin 1
Voltage at
V
AOUT
Pin 2
Voltage at
MULTIN
Pin 3
Voltage at
I
SENSE
Pin 4
Current into
DETIN
Pin 5
Current into
DETIN
Pin 5
V
VSENSE
V
VAOUT
V
MULTIN
V
ISENSE
I
DETINH
I
DETINL
– 0.3
– 0.3
– 0.3
–10
–
–10
17
6
17
17
50
–
V
V
V
V
mA
mA
–
–
–
–
V
DETIN >6 V
V
DETIN < 0.9 V
Junction temperature
T
j
– 40
150
Β°C–
Storage temperature
T
stg
– 50
150
Β°C–
Thermal resistance system-air
TDA 4862
TDA 4862 G
R
thSA
R
thSA
–
–
100
180
K/W
K/W
P-DIP-8-1
P-DSO-8-1
Parameter
Symbol Limit Values Unit
Notes
min.
max.
Supply voltage
V
CC
V
CCON
V
Z
V
1)
Z-current
I
Z
0
50
mA
observe
P
max
Junction temperature
T
j
– 40
150
Β°C–
Voltage at
I
SENSE
V
ISENSE
– 5
V
Z
V–




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4814Power Factor Controller IC for High Power Factor and Active Harmonic Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA4817Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 1 2 3 4 5 MoreSiemens Semiconductor Group
ICE1PD265GPower Factor Controller + Cool- MOS: BoostSET IC for High Power Factor and low THD 1 2 3 4 5 MoreInfineon Technologies AG
TDA4863-2Power Factor Controller IC for High Power Factor and Low THD 1 2 3 4 5 MoreInfineon Technologies AG
LT1768High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime 1 2 3 4 5 MoreLinear Technology
ICE1QS01Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction PFC 1 2 3 4 5 MoreInfineon Technologies AG
2N6671HIGH VOLTAGE NPN TYPES FOR OFF LINE POWER SUPPLIES AND OTHER HIGH VOLTAGE SWITCHING APPLICATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BDP951NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
HD1760JLHigh Voltage NPN Power Transistor for High Definition and New Super-Slim CRT Display 1 2 3 4 5 MoreSTMicroelectronics
TCU20A60FRD - For Power Factor Improvement High Frequency Rectification 1 2 3 4 5 Nihon Inter Electronics Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl