Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4862G Datasheet(PDF) 12 Page - Siemens Semiconductor Group

Part # TDA4862G
Description  Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4862G Datasheet(HTML) 12 Page - Siemens Semiconductor Group

Back Button TDA4862G Datasheet HTML 8Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 9Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 10Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 11Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 12Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 13Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 14Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 15Page - Siemens Semiconductor Group TDA4862G Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TDA 4862
Semiconductor Group
12
1998-02-16
1) K = V
ISENSE / (VMULTIN × (VVAOUT VFB))
2) Guaranted by design, not 100% tested in production.
Multiplier
Input bias current
I
BMULTIN
– 1
µA–
Dynamic voltage range
MULTIN
V
AOUT
V
MULTIN
V
VAOUT
0 to 3
V
FB to
V
FB + 1
0 to 4
V
FB to
V
FB + 1.5
V
V
V
VAOUT = 2.75 V
V
MULTIN = 1.0 V
Multiplier gain 1)
K
0.45
0.65
0.85
1/V
V
MULTIN = 2 V
V
VAOUT = VFB + 1 V
Restart Timer
Restart time delay
t
DLY
75
190
400
µs–
Gate Driver
Output voltage low state
V
GTDRVL
0.8
1.8
–V
V
I
GTDRV = 20 mA
I
GTDRV = 200 mA
Output voltage high
state
V
GTDRVH
9.4
8.7
–V
I
GTDRV = – 20 mA
I
GTDRV = – 200 mA
Output voltage active
shut down
V
GTDRVU
2.0
2.6
V
I
GTDRV = 50 mA
V
CC increasing:
0 <
V
CC < VCCH,
V
CC decreasing:
0 <
V
CC < VCCL
Rise time 2)
t
r
100
C
GTDRV = 1 nF
Fall time 2)
t
f
–40
C
GTDRV = 1 nF
Electrical Characteristics (cont’d)
Unless otherwise stated,
V
CC = 12 V, – 40 °C < Tj < 150 °C.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.


Similar Part No. - TDA4862G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4862G INFINEON-TDA4862G Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results

Similar Description - TDA4862G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Infineon Technologies A...
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com