Selected language     English  â–¼


TDA4862G Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. TDA4862G
Description  Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 2 page
background image
TDA 4862
Semiconductor Group
2
1998-02-16
Description
The TDA 4862 is excellent convenient for designing a preconverter in ballasts and
switched mode power supplies with sinusoidal line current consumption and a power
factor approaching unity.
The TDA 4862 controls a boost converter as an active harmonics filter in a discontinuous
mode (free oscillating triangular shaped current mode).
The TDA 4862 comprises an internal start-up timer, a high gain voltage amplifier, an one
quadrant multiplier for approaching unity power factor, a zero current detector, PWM and
logic circuitry, and totem pole MOSFET gate driver.
Protective features are: input undervoltage lockout with hysteresis,
V
CC zener clamp,
cycle-by-cycle current limiting, output voltage limiting for fast and slow load changes up
to open circuit, and a sinking gate driver current activated whenever undervoltage mode
occurs.
The output voltage of this preconverter is regulated with high accuracy. Therefore the
device can be used for world-wide line voltages without switches.
The TDA 4862 is the improved version of the TDA 4817 with a pinout equivalent to world
standard.
Figure 1
Pin Configuration (top view)
TDA 4862
TDA 4862 G
MULTIN
4
3
2
1
IEP01748
5
6
GND
DETIN
7
8
GTDRV
VCC
AOUT
V
SENSE
V
SENSE
Ι
4
3
2
1
IEP01749
5
6
7
8
SENSE
Ι
MULTIN
AOUT
V
SENSE
V
CC
V
GTDRV
GND
DETIN




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4814Power Factor Controller IC for High Power Factor and Active Harmonic Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA4817Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 1 2 3 4 5 MoreSiemens Semiconductor Group
ICE1PD265GPower Factor Controller + Cool- MOS: BoostSET IC for High Power Factor and low THD 1 2 3 4 5 MoreInfineon Technologies AG
TDA4863-2Power Factor Controller IC for High Power Factor and Low THD 1 2 3 4 5 MoreInfineon Technologies AG
LT1768High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime 1 2 3 4 5 MoreLinear Technology
ICE1QS01Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction PFC 1 2 3 4 5 MoreInfineon Technologies AG
2N6671HIGH VOLTAGE NPN TYPES FOR OFF LINE POWER SUPPLIES AND OTHER HIGH VOLTAGE SWITCHING APPLICATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BDP951NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
HD1760JLHigh Voltage NPN Power Transistor for High Definition and New Super-Slim CRT Display 1 2 3 4 5 MoreSTMicroelectronics
TCU20A60FRD - For Power Factor Improvement High Frequency Rectification 1 2 3 4 5 Nihon Inter Electronics Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl