Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4916GG Datasheet(PDF) 15 Page - Siemens Semiconductor Group

Part # TDA4916GG
Description  SMPS-IC with MOSFET Driver Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4916GG Datasheet(HTML) 15 Page - Siemens Semiconductor Group

Back Button TDA4916GG Datasheet HTML 11Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 12Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 13Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 14Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 15Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 16Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 17Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 18Page - Siemens Semiconductor Group TDA4916GG Datasheet HTML 19Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
TDA 4916 GG
Semiconductor Group
15
05.96
Overvoltage K3
Input current
I
i
0.2
µA
Switching voltage
V
SW
V
REF
5mV
V
REF +
5mV
V
Turn-OFF delay
t
OFF
12
4
µs
Undervoltage K4
Input current at K4
I
i
0.2
µA
Switching voltage
at K4
V
SW
V
REF
5mV
V
REF +
5mV
V
Hysteresis current
I
hy4H
I
hy4L
510
15
0.1
µA
µA
V
+ IK4 < Vsw
V
+ IK4 > Vsw
Turn-OFF delay
t
o
12
4
µs1)
Current Sensor K5; Overcurrent Turn-OFF K6
Input current
I
dyn
1
µA
Input offset voltage
V
io
–5
+5
mV
Input
common-mode
range
V
cm
04
V
Turn-OFF delay
t
OFF
150
250
300
400
ns2)
ns3)
Load 1 nF at Q SIP
Output K6 inhibited
I
QK6
2
µA
V
QK6 =5V
Conducting
V
QK6
1.2
V
I
QK6 =1mA
1) Step function V
REF – 100 mV
V
REF + 100 mV (for delay from comparator input to Q SIP).
2) Step function
V – 100 mV
V + 100 mV (for delay from comparator input to Q SIP).
3) Step function
V – 10 mV
V + 10 mV (for delay from comparator input to Q SIP).
Characteristics (cont’d)
V
Son < VS < 15 V, – 25 °C < TA < 85 °C; VSon means that VS has exceeded VSH, but has
not gone below
V
SL.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


Similar Part No. - TDA4916GG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
More results

Similar Description - TDA4916GG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
logo
Siemens Semiconductor G...
TDA4918G SIEMENS-TDA4918G Datasheet
732Kb / 21P
   SMPS - IC with SIPMOS Driver Output
logo
NXP Semiconductors
TEA1541 PHILIPS-TEA1541 Datasheet
112Kb / 19P
   SMPS control IC with synchronization function
2003 Aug 11
logo
International Rectifier
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Advanced Analogic Techn...
AAT4686 ANALOGICTECH-AAT4686 Datasheet
259Kb / 13P
   MOSFET Driver IC with Over-Voltage Protection
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
logo
NXP Semiconductors
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com