Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29GL128H Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN29GL128H
Description  128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL128H Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN29GL128H_10 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29GL128H_10 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29GL128H_10 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29GL128H_10 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29GL128H_10 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29GL128H_10 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29GL128H_10 Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29GL128H_10 Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29GL128H_10 Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
10
EN29GL128H/L
Rev. K, Issue Date: 2010/05/11
Table 4. Device OPERATING MODES
128M FLASH USER MODE TABLE
DQ8-DQ15
Operation
CE#
OE#
WE#
RESET#
WP#/ACC
A0-
A22
DQ0-
DQ7
BYTE#
= V
B
IHB
BYTE#
= V
B
ILB
Read
L
L
H
H
L/H
A
B
INB
D
B
OUTB
D
B
OUTB
Write
L
H
L
H
(Note 1)
A
B
INB
D
B
INB
D
B
INB
Accelerated
Program
L
H
L
H
V
B
HH
A
B
INB
D
B
INB
D
B
INB
DQ8-
DQ14=
High-Z,
DQ15 =
A-1
CMOS Standby
V
B
ccB
±0.3V
X
X
Vcc±0.3V
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
L/H
X
High-Z
High-Z
High-Z
Hardware Reset X
X
X
L
L/H
X
High-Z
High-Z
High-Z
Notes:
1. Addresses are A22:A0 in word mode; A22:A-1 in byte mode.
2. If WP# = VIL, on the outermost sector remains protected. If WP# = VIH, the outermost sector is unprotected. WP# has an
internal pull-up; when unconnected, WP# is at VIH. All sectors are unprotected when shipped from the factory (The Secured
Silicon Sector can be factory protected depending on version ordered.)
3. DIN or DOUT as required by command sequence, data polling, or sector protect algorithm.
Legend
L = Logic Low = VIL, H = Logic High = VIH, VHH = 8.5–9.5V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out


Similar Part No. - EN29GL128H_10

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL128H-70BAIP EON-EN29GL128H-70BAIP Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H-70ZIP EON-EN29GL128H-70ZIP Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL128H_10

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256H EON-EN29GL256H Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com