Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN39SL801-70NAP Datasheet(PDF) 3 Page - Eon Silicon Solution Inc.

Part # EN39SL801-70NAP
Description  8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39SL801-70NAP Datasheet(HTML) 3 Page - Eon Silicon Solution Inc.

  EN39SL801-70NAP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN39SL801-70NAP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN39SL801-70NAP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN39SL801-70NAP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN39SL801-70NAP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN39SL801-70NAP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN39SL801-70NAP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN39SL801-70NAP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN39SL801-70NAP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
3
EN39SL801
Rev. D, Issue Date: 2011/09/15
A6
A2
B6
A4
C6
A6
D6
A17
E6
NC
F6
NC
G6
WE#
H6
NC
J6
A9
K6
A11
A5
A1
B5
A3
C5
A7
D5
NC
H5
NC
J5
A10
K5
A13
L5
A14
A4
A0
B4
A5
C4
A18
J4
A8
K4
A12
L4
A15
A3
CE#
B3
DQ8
C3
DQ10
J3
DQ4
K3
DQ11
L3
A16
A2
VSS
B2
OE#
C2
DQ9
D2
NC
H2
NC
J2
DQ5
K2
DQ6
L2
DQ7
B1
DQ0
C1
DQ1
D1
DQ2
E1
DQ3
F1
VCC
G1
DQ12
H1
DQ13
J1
DQ14
K1
DQ15
L1
VSS
WFBGA
Top View, Balls Facing Down
Reset#


Similar Part No. - EN39SL801-70NAP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL800 EON-EN39SL800 Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800-70BIP EON-EN39SL800-70BIP Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800-70BIP EON-EN39SL800-70BIP Datasheet
479Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800-70NIP EON-EN39SL800-70NIP Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800-70NIP EON-EN39SL800-70NIP Datasheet
479Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
More results

Similar Description - EN39SL801-70NAP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL800 EON-EN39SL800 Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800_11 Datasheet
479Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH EON-EN39SL160AH Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160H EON-EN39SL160H Datasheet
581Kb / 52P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
logo
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
S29AS008J SPANSION-S29AS008J Datasheet
1Mb / 55P
   8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com