Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK30DX128VLQ10 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MK30DX128VLQ10
Description  K30 Sub-Family
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK30DX128VLQ10 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MK30DX128VLQ10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MK30DX128VLQ10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK30DX128VLQ10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK30DX128VLQ10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK30DX128VLQ10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK30DX128VLQ10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK30DX128VLQ10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK30DX128VLQ10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK30DX128VLQ10 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
3.2 Definition: Operating behavior
An operating behavior is a specified value or range of values for a technical
characteristic that are guaranteed during operation if you meet the operating requirements
and any other specified conditions.
3.2.1 Example
This is an example of an operating behavior, which is guaranteed if you meet the
accompanying operating requirements:
Symbol
Description
Min.
Max.
Unit
IWP
Digital I/O weak pullup/
pulldown current
10
130
µA
3.3 Definition: Attribute
An attribute is a specified value or range of values for a technical characteristic that are
guaranteed, regardless of whether you meet the operating requirements.
3.3.1 Example
This is an example of an attribute:
Symbol
Description
Min.
Max.
Unit
CIN_D
Input capacitance:
digital pins
7
pF
Terminology and guidelines
K30 Sub-Family Data Sheet, Rev. 1, 6/2012.
6
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - MK30DX128VLQ10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK30DX128VLH7 FREESCALE-MK30DX128VLH7 Datasheet
1Mb / 68P
   K30 Sub-Family
MK30DX128VLK7 FREESCALE-MK30DX128VLK7 Datasheet
1Mb / 72P
   K30 Sub-Family
MK30DX128VLL7 FREESCALE-MK30DX128VLL7 Datasheet
1Mb / 72P
   K30 Sub-Family
More results

Similar Description - MK30DX128VLQ10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K30P100M72SF1 NXP-K30P100M72SF1 Datasheet
2Mb / 70P
   K30 Sub-Family
Rev. 3, 11/2012
K30P100M100SF2V2 NXP-K30P100M100SF2V2 Datasheet
1Mb / 70P
   K30 Sub-Family
Rev. 3, 6/2013
K30P144M100SF2V2 NXP-K30P144M100SF2V2 Datasheet
1Mb / 81P
   K30 Sub-Family
Rev. 3, 6/2013
logo
Freescale Semiconductor...
K30P64M72SF1 FREESCALE-K30P64M72SF1 Datasheet
1Mb / 68P
   K30 Sub-Family
K30P100M100SF2V2 FREESCALE-K30P100M100SF2V2 Datasheet
1Mb / 67P
   K30 Sub-Family
logo
NXP Semiconductors
K30P121M100SF2V2 NXP-K30P121M100SF2V2 Datasheet
1Mb / 70P
   K30 Sub-Family
Rev. 3, 6/2013
logo
Freescale Semiconductor...
K30P100M72SF1 FREESCALE-K30P100M72SF1 Datasheet
1Mb / 72P
   K30 Sub-Family
K30P81M100SF2V2 FREESCALE-K30P81M100SF2V2 Datasheet
1Mb / 66P
   K30 Sub-Family
logo
NXP Semiconductors
K30P81M100SF2V2 NXP-K30P81M100SF2V2 Datasheet
1Mb / 72P
   K30 Sub-Family
Rev. 4, 09/2017
logo
Freescale Semiconductor...
K30P81M72SF1 FREESCALE-K30P81M72SF1 Datasheet
1Mb / 72P
   K30 Sub-Family
logo
NXP Semiconductors
K30P64M72SF1 NXP-K30P64M72SF1 Datasheet
2Mb / 66P
   K30 Sub-Family
Rev. 3, 11/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com