Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK50DX256CMC10 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MK50DX256CMC10
Description  K50 Sub-Family
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK50DX256CMC10 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MK50DX256CMC10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MK50DX256CMC10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK50DX256CMC10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK50DX256CMC10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK50DX256CMC10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK50DX256CMC10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK50DX256CMC10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK50DX256CMC10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK50DX256CMC10 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
3.2 Definition: Operating behavior
An operating behavior is a specified value or range of values for a technical
characteristic that are guaranteed during operation if you meet the operating requirements
and any other specified conditions.
3.2.1 Example
This is an example of an operating behavior, which is guaranteed if you meet the
accompanying operating requirements:
Symbol
Description
Min.
Max.
Unit
IWP
Digital I/O weak pullup/
pulldown current
10
130
µA
3.3 Definition: Attribute
An attribute is a specified value or range of values for a technical characteristic that are
guaranteed, regardless of whether you meet the operating requirements.
3.3.1 Example
This is an example of an attribute:
Symbol
Description
Min.
Max.
Unit
CIN_D
Input capacitance:
digital pins
7
pF
Terminology and guidelines
K50 Sub-Family Data Sheet, Rev. 1, 6/2012.
6
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - MK50DX256CMC10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK50DX256CMB7 FREESCALE-MK50DX256CMB7 Datasheet
1Mb / 78P
   K50 Sub-Family
MK50DX256CML7 FREESCALE-MK50DX256CML7 Datasheet
1Mb / 79P
   K50 Sub-Family
More results

Similar Description - MK50DX256CMC10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K50P100M72SF1 FREESCALE-K50P100M72SF1 Datasheet
1Mb / 79P
   K50 Sub-Family
logo
NXP Semiconductors
K50P144M100SF2V2 NXP-K50P144M100SF2V2 Datasheet
1Mb / 80P
   K50 Sub-Family
Rev. 3, 6/2013
logo
Freescale Semiconductor...
K50P100M100SF2V2 FREESCALE-K50P100M100SF2V2 Datasheet
1Mb / 79P
   K50 Sub-Family
logo
NXP Semiconductors
K50P64M72SF1 NXP-K50P64M72SF1 Datasheet
2Mb / 73P
   K50 Sub-Family
2012
K50P100M100SF2 NXP-K50P100M100SF2 Datasheet
2Mb / 73P
   K50 Sub-Family
Rev. 7, 02/2013
K50P81M100SF2V2 NXP-K50P81M100SF2V2 Datasheet
1Mb / 82P
   K50 Sub-Family
Rev. 4, 09/2017
K50P100M72SF1 NXP-K50P100M72SF1 Datasheet
2Mb / 77P
   K50 Sub-Family
Rev. 3, 11/2012
K50P100M100SF2V2 NXP-K50P100M100SF2V2 Datasheet
1Mb / 81P
   K50 Sub-Family
Rev. 3, 6/2013
K50P121M100SF2 NXP-K50P121M100SF2 Datasheet
2Mb / 74P
   K50 Sub-Family
Rev. 7, 02/2013
K50P81M72SF1 NXP-K50P81M72SF1 Datasheet
2Mb / 74P
   K50 Sub-Family
Rev. 3, 11/2012
K50P81M100SF2 NXP-K50P81M100SF2 Datasheet
2Mb / 78P
   K50 Sub-Family
Rev. 7, 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com