Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK52DN512CMD10 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MK52DN512CMD10
Description  K52 Sub-Family
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK52DN512CMD10 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MK52DN512CMD10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK52DN512CMD10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK52DN512CMD10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK52DN512CMD10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK52DN512CMD10 Datasheet HTML 11Page - Freescale Semiconductor, Inc MK52DN512CMD10 Datasheet HTML 12Page - Freescale Semiconductor, Inc MK52DN512CMD10 Datasheet HTML 13Page - Freescale Semiconductor, Inc MK52DN512CMD10 Datasheet HTML 14Page - Freescale Semiconductor, Inc MK52DN512CMD10 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
Symbol
Description
Min.
Max.
Unit
IDD
Digital supply current
185
mA
VDIO
Digital input voltage (except RESET, EXTAL, and XTAL)
–0.3
5.5
V
VAIO
Analog1, RESET, EXTAL, and XTAL input voltage
–0.3
VDD + 0.3
V
ID
Maximum current single pin limit (applies to all port pins)
–25
25
mA
VDDA
Analog supply voltage
VDD – 0.3
VDD + 0.3
V
VUSB_DP
USB_DP input voltage
–0.3
3.63
V
VUSB_DM
USB_DM input voltage
–0.3
3.63
V
VREGIN
USB regulator input
–0.3
6.0
V
VBAT
RTC battery supply voltage
–0.3
3.8
V
1. Analog pins are defined as pins that do not have an associated general purpose I/O port function.
5 General
5.1 AC electrical characteristics
Unless otherwise specified, propagation delays are measured from the 50% to the 50%
point, and rise and fall times are measured at the 20% and 80% points, as shown in the
following figure.
Figure 1. Input signal measurement reference
All digital I/O switching characteristics assume:
1. output pins
• have CL=30pF loads,
• are configured for fast slew rate (PORTx_PCRn[SRE]=0), and
• are configured for high drive strength (PORTx_PCRn[DSE]=1)
2. input pins
• have their passive filter disabled (PORTx_PCRn[PFE]=0)
General
K52 Sub-Family Data Sheet, Rev. 1, 6/2012.
Freescale Semiconductor, Inc.
Preliminary
11
General Business Information


Similar Part No. - MK52DN512CMD10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK52DN512ZCYY10 FREESCALE-MK52DN512ZCYY10 Datasheet
377Kb / 2P
   Integrated measurement engine, Ethernet and LCD
More results

Similar Description - MK52DN512CMD10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K52P144M100SF2 NXP-K52P144M100SF2 Datasheet
2Mb / 82P
   K52 Sub-Family
Rev. 7, 02/2013
K52P144M100SF2V2 NXP-K52P144M100SF2V2 Datasheet
1Mb / 82P
   K52 Sub-Family
Rev. 3, 6/2013
logo
Freescale Semiconductor...
K20P144M120SF3_1210 FREESCALE-K20P144M120SF3_1210 Datasheet
1Mb / 86P
   K20 Sub-Family
K10P100M100SF2V2 FREESCALE-K10P100M100SF2V2 Datasheet
1Mb / 69P
   K10 Sub-Family
K20P48M50SF0 FREESCALE-K20P48M50SF0 Datasheet
1Mb / 60P
   K20 Sub-Family
K20P81M100SF2V2 FREESCALE-K20P81M100SF2V2 Datasheet
1Mb / 71P
   K20 Sub-Family
K30P81M100SF2V2 FREESCALE-K30P81M100SF2V2 Datasheet
1Mb / 66P
   K30 Sub-Family
K40P81M100SF2V2 FREESCALE-K40P81M100SF2V2 Datasheet
1Mb / 72P
   K40 Sub-Family
K51P64M72SF1 FREESCALE-K51P64M72SF1 Datasheet
1Mb / 74P
   K51 Sub-Family
K60P100M100SF2V2 FREESCALE-K60P100M100SF2V2 Datasheet
1Mb / 76P
   K60 Sub-Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com