Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK60DN512VLQ10 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MK60DN512VLQ10
Description  K60 Sub-Family
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK60DN512VLQ10 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MK60DN512VLQ10 Datasheet HTML 1Page - Freescale Semiconductor, Inc MK60DN512VLQ10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MK60DN512VLQ10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK60DN512VLQ10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK60DN512VLQ10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK60DN512VLQ10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK60DN512VLQ10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK60DN512VLQ10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK60DN512VLQ10 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
K60P144M100SF2V2
K60 Sub-Family
Supports the following:
MK60DN256VLQ10,
MK60DX256VLQ10,
MK60DN512VLQ10,
MK60DN256VMD10,
MK60DX256VMD10,
MK60DN512VMD10
Features
• Operating Characteristics
– Voltage range: 1.71 to 3.6 V
– Flash write voltage range: 1.71 to 3.6 V
– Temperature range (ambient): -40 to 105°C
• Performance
– Up to 100 MHz ARM Cortex-M4 core with DSP
instructions delivering 1.25 Dhrystone MIPS per
MHz
• Memories and memory interfaces
– Up to 512 KB program flash memory on non-
FlexMemory devices
– Up to 256 KB program flash memory on
FlexMemory devices
– Up to 256 KB FlexNVM on FlexMemory devices
– 4 KB FlexRAM on FlexMemory devices
– Up to 128 KB RAM
– Serial programming interface (EzPort)
– FlexBus external bus interface
• Clocks
– 3 to 32 MHz crystal oscillator
– 32 kHz crystal oscillator
– Multi-purpose clock generator
• System peripherals
– Multiple low-power modes to provide power
optimization based on application requirements
– Memory protection unit with multi-master
protection
– 16-channel DMA controller, supporting up to 63
request sources
– External watchdog monitor
– Software watchdog
– Low-leakage wakeup unit
• Security and integrity modules
– Hardware CRC module to support fast cyclic
redundancy checks
– Hardware random-number generator
– Hardware encryption supporting DES, 3DES, AES,
MD5, SHA-1, and SHA-256 algorithms
– 128-bit unique identification (ID) number per chip
• Analog modules
– Two 16-bit SAR ADCs
– Programmable gain amplifier (PGA) (up to x64)
integrated into each ADC
– Two 12-bit DACs
– Two transimpedance amplifiers
– Three analog comparators (CMP) containing a 6-bit
DAC and programmable reference input
– Voltage reference
• Timers
– Programmable delay block
– Eight-channel motor control/general purpose/PWM
timer
– Two 2-channel quadrature decoder/general purpose
timers
– IEEE 1588 timers
– Periodic interrupt timers
– 16-bit low-power timer
– Carrier modulator transmitter
– Real-time clock
Freescale Semiconductor
Document Number: K60P144M100SF2V2
Data Sheet: Advance Information
Rev. 1, 6/2012
This document contains information on a new product. Specifications and
information herein are subject to change without notice.
© 2012 Freescale Semiconductor, Inc.
Preliminary
General Business Information


Similar Part No. - MK60DN512VLQ10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK60DN512VLL10 FREESCALE-MK60DN512VLL10 Datasheet
1Mb / 76P
   K60 Sub-Family
MK60DN512VLL10 FREESCALE-MK60DN512VLL10 Datasheet
1Mb / 80P
   Hardware CRC module to support fast cyclic redundancy checks
logo
NXP Semiconductors
MK60DN512VLL10 NXP-MK60DN512VLL10 Datasheet
1Mb / 80P
   Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
More results

Similar Description - MK60DN512VLQ10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K60P144M150SF3_1210 FREESCALE-K60P144M150SF3_1210 Datasheet
1Mb / 88P
   K60 Sub-Family
logo
NXP Semiconductors
K60P144M150SF3 NXP-K60P144M150SF3 Datasheet
1Mb / 86P
   K60 Sub-Family
Rev. 7, 02/2018
logo
Freescale Semiconductor...
K60P144M120SF3_1210 FREESCALE-K60P144M120SF3_1210 Datasheet
1Mb / 88P
   K60 Sub-Family
K60P100M100SF2V2 FREESCALE-K60P100M100SF2V2 Datasheet
1Mb / 76P
   K60 Sub-Family
logo
NXP Semiconductors
K60P144M120SF3 NXP-K60P144M120SF3 Datasheet
1Mb / 86P
   K60 Sub-Family
Rev. 7, 02/2018
logo
Freescale Semiconductor...
K60P121M100SF2V2 FREESCALE-K60P121M100SF2V2 Datasheet
1Mb / 78P
   K60 Sub-Family
K60P104M100SF2 FREESCALE-K60P104M100SF2 Datasheet
959Kb / 67P
   K60 Sub-Family Data Sheet
K60P144M100SF2 FREESCALE-K60P144M100SF2 Datasheet
1,022Kb / 69P
   K60 Sub-Family Data Sheet
K60P144M120SF3 FREESCALE-K60P144M120SF3 Datasheet
1Mb / 82P
   K60 Sub-Family Data Sheet
K60P144M150SF3 FREESCALE-K60P144M150SF3 Datasheet
1Mb / 82P
   K60 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com