Electronic Components Datasheet Search |
|
MK60FN1M0VMD15 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
MK60FN1M0VMD15 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
1 / 82 page K60P144M150SF3 K60 Sub-Family Data Sheet Supports the following: MK60FX512VLQ15, MK60FN1M0VLQ15, MK60FX512VMD15, MK60FN1M0VMD15 Features • Operating Characteristics – Voltage range: 1.71 to 3.6 V – Flash write voltage range: 1.71 to 3.6 V – Temperature range (ambient): -40 to 105°C • Performance – Up to 150 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz • Memories and memory interfaces – Up to 1024 KB program flash memory on non- FlexMemory devices – Up to 512 KB program flash memory on FlexMemory devices – Up to 512 KB FlexNVM on FlexMemory devices – 16 KB FlexRAM on FlexMemory devices – Up to 128 KB RAM – Serial programming interface (EzPort) – FlexBus external bus interface – NAND flash controller interface • Clocks – 3 to 32 MHz crystal oscillator – 32 kHz crystal oscillator – Multi-purpose clock generator • System peripherals – 10 low-power modes to provide power optimization based on application requirements – Memory protection unit with multi-master protection – 32-channel DMA controller, supporting up to 128 request sources – External watchdog monitor – Software watchdog – Low-leakage wakeup unit • Security and integrity modules – Hardware CRC module to support fast cyclic redundancy checks – Hardware random-number generator – Hardware encryption supporting DES, 3DES, AES, MD5, SHA-1, and SHA-256 algorithms – 128-bit unique identification (ID) number per chip • Human-machine interface – Low-power hardware touch sensor interface (TSI) – General-purpose input/output • Analog modules – Four 16-bit SAR ADCs – Programmable gain amplifier (PGA) (up to x64) integrated into each ADC – Two 12-bit DACs – Four analog comparators (CMP) containing a 6-bit DAC and programmable reference input – Voltage reference • Timers – Programmable delay block – Two 8-channel motor control/general purpose/PWM timers – Two 2-channel quadrature decoder/general purpose timers – IEEE 1588 timers – Periodic interrupt timers – 16-bit low-power timer – Carrier modulator transmitter – Real-time clock Freescale Semiconductor Document Number: K60P144M150SF3 Data Sheet: Advance Information Rev. 3, 2/2012 This document contains information on a new product. Specifications and information herein are subject to change without notice. © 2012 Freescale Semiconductor, Inc. Preliminary |
Similar Part No. - MK60FN1M0VMD15 |
|
Similar Description - MK60FN1M0VMD15 |