Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK70FX512VMJ12 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MK70FX512VMJ12
Description  K70 Sub-Family Data Sheet
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK70FX512VMJ12 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MK70FX512VMJ12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MK70FX512VMJ12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK70FX512VMJ12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK70FX512VMJ12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK70FX512VMJ12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK70FX512VMJ12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK70FX512VMJ12 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK70FX512VMJ12 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK70FX512VMJ12 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
Field
Description
Values
FFF
Program flash memory size
• 32 = 32 KB
• 64 = 64 KB
• 128 = 128 KB
• 256 = 256 KB
• 512 = 512 KB
• 1M0 = 1 MB
T
Temperature range (°C)
• V = –40 to 105
• C = –40 to 85
PP
Package identifier
• MJ = 256 MAPBGA (17 mm x 17 mm)
CC
Maximum CPU frequency (MHz)
• 12 = 120 MHz
N
Packaging type
• R = Tape and reel
• (Blank) = Trays
2.4 Example
This is an example part number:
MK70FN1M0VMJ12
3 Terminology and guidelines
3.1 Definition: Operating requirement
An operating requirement is a specified value or range of values for a technical
characteristic that you must guarantee during operation to avoid incorrect operation and
possibly decreasing the useful life of the chip.
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
Terminology and guidelines
K70 Sub-Family Data Sheet Data Sheet, Rev. 3, 2/2012.
6
Preliminary
Freescale Semiconductor, Inc.


Similar Part No. - MK70FX512VMJ12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK70FX512VMJ12 NXP-MK70FX512VMJ12 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
More results

Similar Description - MK70FX512VMJ12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K70P256M150SF3 FREESCALE-K70P256M150SF3 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
K70P256M150SF3_1210 FREESCALE-K70P256M150SF3_1210 Datasheet
1Mb / 97P
   K70 Sub-Family
K70P256M120SF3_1210 FREESCALE-K70P256M120SF3_1210 Datasheet
1Mb / 97P
   K70 Sub-Family
logo
NXP Semiconductors
K70P256M120SF3 NXP-K70P256M120SF3 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
K11P80M50SF4 FREESCALE-K11P80M50SF4 Datasheet
1Mb / 54P
   K11 Sub-Family Data Sheet
K11P121M50SF4 FREESCALE-K11P121M50SF4 Datasheet
1Mb / 59P
   K11 Sub-Family Data Sheet
K12P121M50SF4 FREESCALE-K12P121M50SF4 Datasheet
1Mb / 59P
   K12 Sub-Family Data Sheet
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com