Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC06XS3517 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC06XS3517
Description  Smart High Side Switch Module
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC06XS3517 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC06XS3517 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
06XS3517
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Peak Package Reflow Temperature During Reflow(3)
TPPRT
260
°C
Storage Temperature
TSTG
-55 to 150
C
THERMAL RESISTANCE
Thermal Resistance, Junction to Case(4)
RJC
1.0
K/W
Notes
3.
Pin soldering temperature limit is for 40 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
Typical value guaranteed per design.
Table 2. Maximum Ratings (continued)
All voltages are with respect to ground, unless mentioned otherwise. Exceeding these ratings may cause malfunction or
permanent device damage.
Parameter
Symbol
Value
Unit


Similar Part No. - MC06XS3517

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC06XS3517AFK NXP-MC06XS3517AFK Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
More results

Similar Description - MC06XS3517

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
06XS3517_V3 FREESCALE-06XS3517_V3 Datasheet
1Mb / 42P
   Smart High Side Switch Module
logo
Fairchild Semiconductor
FDBS09H04A FAIRCHILD-FDBS09H04A Datasheet
1Mb / 19P
   Smart High Side Switch
logo
Bourns Electronic Solut...
FDDS100H06-F085 BOURNS-FDDS100H06-F085 Datasheet
407Kb / 16P
   Smart High Side Switch
logo
Infineon Technologies A...
ITS4141N INFINEON-ITS4141N Datasheet
444Kb / 19P
   Smart High-Side Power Switch
2006-03-09
BTS50040-2SFA INFINEON-BTS50040-2SFA Datasheet
1Mb / 29P
   Smart High-Side Power Switch
V2.0, 2016-02-02
BTS50060-1TEA INFINEON-BTS50060-1TEA_11 Datasheet
1Mb / 39P
   Smart High-Side Power Switch
Rev. 1.2, 2011-09-01
BTS5045-2EKA INFINEON-BTS5045-2EKA_11 Datasheet
1Mb / 54P
   Smart High-Side Power Switch
Rev. 2.1, 2011-09-01
BTS5030-1EJA INFINEON-BTS5030-1EJA Datasheet
2Mb / 53P
   Smart High-Side Power Switch
Rev. 2.2, 2013-09-06
BTS5020-1EKA INFINEON-BTS5020-1EKA Datasheet
2Mb / 55P
   Smart High-Side Power Switch
Rev. 2.2, 2013-11-12
BSP752R INFINEON-BSP752R_07 Datasheet
259Kb / 18P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com