Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08PT32 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC9S08PT32
Description  MC9S08PT60
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08PT32 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC9S08PT32 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08PT32 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08PT32 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08PT32 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08PT32 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08PT32 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08PT32 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08PT32 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08PT32 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1
2
3
4
5
6
IOH(mA)
VDD-VOH(V)
VDD=3V
VDD=5V
Figure 1. Typical IOH Vs. VDD-VOH
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
5
10
15
20
25
IOH(mA)
VDD-VOH(V)
VDD=3V
VDD=5V
Figure 2. Typical IOH Vs. VDD-VOH (High current drive)
Nonswitching electrical specifications
MC9S08PT60 Series Data Sheet, Rev. 3, 4/2012.
10
Freescale Semiconductor, Inc.


Similar Part No. - MC9S08PT32

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08PT16 FREESCALE-MC9S08PT16 Datasheet
595Kb / 33P
   MC9S08PT16
logo
NXP Semiconductors
MC9S08PT16 NXP-MC9S08PT16 Datasheet
902Kb / 37P
   8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
MC9S08PT60 NXP-MC9S08PT60 Datasheet
940Kb / 41P
   MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com