Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XS3535 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 10XS3535
Description  Smart Front Corner Light Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XS3535 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  10XS3535 Datasheet HTML 1Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 2Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 3Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 4Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 5Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 6Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 7Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 8Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
HIGH SIDE SWITCH
FK SUFFIX
98ART10511D
24-PIN PQFN
PB FREE
10XS3535
ORDERING INFORMATION
Device
(For Tape and Reel,
add R2 Suffix)
Temperature
Range (TA)
Package
MC10XS3535HFK
-40 to 125 °C
24 PQFN
Bottom View
Document Number: MC10XS3535
Rev. 6.0, 6/2012
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2010-2012. All rights reserved.
Smart Front Corner Light Switch
(Triple 10 mOhm and Dual
35 mOhm)
The 10XS3535 is designed for low voltage automotive and industrial
lighting applications. Its five low RDS(ON) MOSFETs (three 10 mΩ, two
35 m
Ω) can control the high sides of five separate resistive loads
(bulbs, Xenon-HID modules and LEDs).
Programming, control and diagnostics are accomplished using a
16-bit SPI interface (3.3 V or 5.0 V). Each output has its own pulse-
width modulation (PWM) control via the SPI. The 10XS3535 has highly
sophisticated failure mode handling to provide high availability of the
outputs. Its multiphase control and output edge shaping improves
electromagnetic compatibility (EMC) behavior.
The 10XS3535 is packaged in a power-enhanced 12 x 12 mm
nonleaded PQFN package with exposed tabs.
Features
• Triple 10 m
Ω and dual 35 mΩ high side switches
• 16-bit SPI communication interface with daisy chain capability
• Current sense output with SPI-programmable multiplex switch
and board temperature feedback
• Digital diagnosis feature
• PWM module with multiphase feature including prescaler
• LEDs control including accurate current sensing and low duty-
cycle capability
• Fully protected switches
• Over-current shutdown detection
• Power net and reverse polarity protection
• Low-power mode
• Fail mode functions including autorestart feature
• External smart power switch control including current recopy
MCU
10XS3535
LIMP
FLASHER
IGN
RST
CLOCK
CS
FOG
S0
SI
SCLK
CSNS GND
VCC
VBAT
CP
OUT1
OUT2
OUT3
OUT4
OUT5
FETIN
FETOUT
Watchdog
VBAT
12V
5.0V
12V
Smart
Switch
Figure 1. 10XS3535 Simplified Application Diagram


Similar Part No. - 10XS3535

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3535 FREESCALE-10XS3535 Datasheet
1Mb / 43P
   Smart Front Corner Light Switch (Triple 10 m廓 and Dual 35 m廓)
More results

Similar Description - 10XS3535

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33480 FREESCALE-33480 Datasheet
989Kb / 39P
   Smart Front Corner Light
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
   Smart Rear Corner Light Switch(penta 35 mOhm)
logo
NXP Semiconductors
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
   Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
logo
Freescale Semiconductor...
10XS3535 FREESCALE-10XS3535 Datasheet
1Mb / 43P
   Smart Front Corner Light Switch (Triple 10 m廓 and Dual 35 m廓)
35XS3500 FREESCALE-35XS3500 Datasheet
1Mb / 41P
   Smart Rear Corner Light Switch (Penta 35 m廓)
logo
Skyworks Solutions Inc.
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
   Smart Energy Front-End Module
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
logo
List of Unclassifed Man...
TL-SG2216 ETC2-TL-SG2216 Datasheet
1Mb / 4P
   Gigabit Smart Switch
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
logo
STMicroelectronics
L9651 STMICROELECTRONICS-L9651 Datasheet
119Kb / 9P
   SMART QUAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com