Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10XS4200 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC10XS4200
Description  Dual 24 V, 10 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS4200 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC10XS4200 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
10XS4200
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS OF THE OUTPUT STAGE (HS0 AND HS1)
ON-Resistance, Drain-to-Source
(IHS = 3.0 A, TJ = 25 °C)
CSNS_ratio = 0
VPWR = 8.0 V
VPWR = 28 V
VPWR = 36 V
RDS(ON)25_0
10
10
10
m
Ω
ON-Resistance, Drain-to-Source
(IHS = 1.0 A, TJ = 25 °C)
CSNS_ratio = 1
VPWR = 8.0 V
VPWR = 28 V
VPWR = 36 V
RDS(ON)25_1
10
10
10
m
Ω
ON-Resistance, Drain-to-Source (IHS = 3.0 A,TJ = 150 °C)
CSNS_ratio = 0
VPWR = 8.0 V
VPWR = 28 V
VPWR = 36 V
RDS(ON)150_0
18
18
18
m
Ω
ON-Resistance, Drain-to-Source (IHS = 1.0 A,TJ = 150 °C)
CSNS_ratio = 1
VPWR = 8.0 V
VPWR = 28 V
VPWR = 36 V
RDS(ON)150_1
18
18
18
m
Ω
ON-Resistance, Drain-to-Source difference from one channel to the other
in parallel mode (IHS = 1.0 A,TJ = 150 °C) CSNS_ratio = X
ΔR
DS(ON)150
-0.8
+0.8
m
Ω
ON-Resistance, Source-Drain (IHS = -3.0 A, TJ = 150 °C,
VPWR = -24 V)
RSD(ON)150
18
m
Ω
Max. detectable wiring length (2.5 mm²) for severe short-circuit detection
(see Power Supply):
High slew rate selected
Medium slew rate selected:
Low slew rate selected:
LSHORT
20
50
100
85
160
280
140
300
600
cm
Over-current Detection thresholds with CSNS_ratio bit = 0 (CSR0)
OCH1_0
OCH2_0
OCM1_0
OCM2_0
OCL1_0
OCL2_0
OCL3_0
55
35
22
13
9.0
6.0
3.0
66
42
26
16
10.8
7.2
3.6
77
49
31
19.5
12.6
8.4
4.2
A
Table 3. Static Electrical Characteristics (continued)
Unless specified otherwise: 8.0 V
≤ V
PWR ≤ 36 V, 3.0 V ≤ VDD ≤ 5.5 V, - 40 °C ≤ TA ≤ 125 °C, GND = 0 V. Typical values are
average values evaluated under nominal conditions TA = 25 °C, VPWR = 28 V & VDD = 5.0 V, unless specified otherwise.
parameter
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC10XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BAFK NXP-MC10XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BDFK NXP-MC10XS4200BDFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BFK NXP-MC10XS4200BFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200CFK NXP-MC10XS4200CFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
More results

Similar Description - MC10XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com