Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10XS4200 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC10XS4200
Description  Dual 24 V, 10 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS4200 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC10XS4200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
10XS4200
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS OF THE OUTPUT STAGE (HS0 AND HS1) (CONTINUED)
Over-current Detection thresholds with CSNS_ratio bit = 1(CSR1)
OCH1_1
OCH2_1
OCM1_1
OCM2_1
OCL1_1
OCL2_1
OCL3_1
18.3
11.7
7.2
4.4
3.0
2.0
0.96
22
14.0
8.7
5.3
3.6
2.4
1.2
26.5
16.3
10.1
6.2
4.2
2.8
1.44
A
Output pin leakage Current in sleep state (positive value = outgoing)
VHS,OFF = 0 V (VHS,OFF = output voltage in OFF state)
VHS,OFF = VPWR, device in sleep state (VPWR = 24 V max.)
IOUT_LEAK
-40.0
+11
+5.0
µA
Switch Turn-on threshold for Supply over-voltage (VPWR -GND) (see
(13)) V
D_GND(CLAMP)
58
66
V
Switch turn-on threshold for Drain-Source over-voltage (measured at
IOUT = 500 mA, see Figure 19)
VDS(CLAMP)
58
66
V
Current Sensing Ratio(14)
CSNS_ratio bit = 0 (high current mode)
CSNS_ratio bit = 1 (low current mode)
CSR0
CSR1
1/3000
1/1000
Minimum measurable load current with compensated error (15)
I_LOAD_MIN
100
mA
CSNS leakage current in OFF state (CSNSx_en = 0, CSNS_ratio bit_x = 0)
ICSR_LEAK
-4.0
+4.0
µA
Systematic offset error (seeCurrent Sense Errors)
I_LOAD_ERR_SYS
11
mA
Random offset error
I_LOAD_ERR_RAND
-150
150
mA
Notes:
13.
Current Sense Ratio CSRx = ICSNS / IHS[x]
14.
ESRx_ERR=(ICSNS_MEAS / ICSNS_MODEL) -1, with ICSNS_MODEL = (I(HS[x])+ I_LOAD_ERR_SYS) * CSRx , (I_LOAD_ERR_SYS defined above, see
section Current Sense Error Model). With this model, load current becomes: I(HS[x]) = ICSNS / CSRx - I_LOAD_ERR_SYS
15.
See note (14), but with ICSNS_MEAS obtained after compensation of I_LOAD_ERR_RAND (see Activation and Use of Offset Compensation).
Further accuracy improvements can be obtained by performing a 1- or 2 point calibration.
Table 3. Static Electrical Characteristics (continued)
Unless specified otherwise: 8.0 V
≤ V
PWR ≤ 36 V, 3.0 V ≤ VDD ≤ 5.5 V, - 40 °C ≤ TA ≤ 125 °C, GND = 0 V. Typical values are
average values evaluated under nominal conditions TA = 25 °C, VPWR = 28 V & VDD = 5.0 V, unless specified otherwise.
parameter
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC10XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BAFK NXP-MC10XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BDFK NXP-MC10XS4200BDFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BFK NXP-MC10XS4200BFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200CFK NXP-MC10XS4200CFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
More results

Similar Description - MC10XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com