Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F84789VLL Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 56F84789VLL
Description  MC56F847xx Advance
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F84789VLL Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  56F84789VLL Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F84789VLL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
MC56F847XX
MC56F847xx Advance
Information
Supports the 56F84789VLL,
56F84786VLK, 56F84769VLL,
56F84766VLK, 56F84763VLH
Features
• This family of digital signal controllers (DSCs) is
based on the 32-bit 56800EX core. Each device
combines, on a single chip, the processing power of a
DSP and the functionality of an MCU with a flexible
set of peripherals to support many target applications:
– Industrial control
– Home appliances
– Smart sensors
– Fire and security systems
– Switched-mode power supply and power
management
– Uninterruptible Power Supply (UPS)
– Solar and wind power generator
– Power metering
– Motor control (ACIM, BLDC, PMSM, SR, stepper)
– Handheld power tools
– Circuit breaker
– Medical device/equipment
– Instrumentation
– Lighting
• DSC based on 32-bit 56800EX core
– Up to 100 MIPS at 100 MHz core frequency
– DSP and MCU functionality in a unified, C-efficient
architecture
• On-chip memory
– Up to 288 KB (256 KB + 32 KB) flash memory,
including up to 32 KB FlexNVM
– Up to 32 KB RAM
– Up to 2 KB FlexRAM with EEE capability
– 100 MHz program execution from both internal
flash memory and RAM
– On-chip flash memory and RAM can be mapped
into both program and data memory spaces
• Analog
– Two high-speed, 8-channel, 12-bit ADCs with
dynamic x2, x4 programmable amplifier
– One 20-channel, 16-bit ADC
– Four analog comparators with integrated 6-bit DAC
references
– One 12-bit DAC
• PWMs and timers
– Two eFlexPWM modules with up to 24 PWM
outputs, one including 8 channels with high
resolution NanoEdge placement
– Two 16-bit quad timer (2 x 4 16-bit timers)
– Two Periodic Interval Timers (PITs)
– One Quadrature Decoder
– Two Programmable Delay Blocks (PDBs)
• Communication interfaces
– Three high-speed queued SCI (QSCI) modules with
LIN slave functionality
– Up to three queued SPI (QSPI) modules
– Two SMBus-compatible I2C ports
– One flexible controller area network (FlexCAN)
module
• Security and integrity
– Cyclic Redundancy Check (CRC) generator
– Computer operating properly (COP) watchdog
– External Watchdog Monitor (EWM)
• Clocks
– Two on-chip relaxation oscillators: 8 MHz (400 kHz
at standby mode) and 32 kHz
– Crystal / resonator oscillator
Freescale Semiconductor
Document Number: MC56F847XX
Data Sheet: Advance Information
Rev. 2, 06/2012
This document contains information on a new product. Specifications and
information herein are subject to change without notice.
© 2011–2012 Freescale Semiconductor, Inc.
Preliminary
General Business Information


Similar Part No. - 56F84789VLL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
56F84789VLL NXP-56F84789VLL Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
More results

Similar Description - 56F84789VLL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
logo
Freescale Semiconductor...
MC56F8455X FREESCALE-MC56F8455X Datasheet
1,016Kb / 67P
   MC56F8455x Advance
logo
Motorola, Inc
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
   Advance Information
MC56F8458X FREESCALE-MC56F8458X Datasheet
1,019Kb / 68P
   MC56F8458x Advance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com