Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F84442VLH Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 56F84442VLH
Description  MC56F844xx Advance
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F84442VLH Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56F84442VLH Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
• Enhanced input capture and output compare functionality on each input
• Channels not used for PWM generation can be used for buffered output compare
functions
• Channels not used for PWM generation can be used for input capture functions
• Enhanced dual edge capture functionality
• Synchronization to external hardware or other PWM supported
• Double buffered PWM registers
• Integral reload rates from 1 to 16
• Half-cycle reload capability
• Multiple output trigger events can be generated per PWM cycle via hardware
• Support for double switching PWM outputs
• Up to eight fault inputs can be assigned to control multiple PWM outputs
• Programmable filters for fault inputs
• Independently programmable PWM output polarity
• Individual software control of each PWM output
• All outputs can be programmed to change simultaneously via a FORCE_OUT event
• PWMX pin can optionally output a third PWM signal from each submodule
• Option to supply the source for each complementary PWM signal pair from any of
the following:
• Crossbar module outputs
• External ADC input, taking into account values set in ADC high and low limit
registers
1.6.2 12-bit Analog-to-Digital Converter (Cyclic type)
• Two independent 12-bit analog-to-digital converters (ADCs)
• 2 x 8-channel external inputs
• Built-in x1, x2, x4 programmable gain pre-amplifier
• Maximum ADC clock frequency is up to 20 MHz with 50 ns period
• Single conversion time of 8.5 ADC clock cycles
• Additional conversion time of 6 ADC clock cycles
• Sequential, parallel, and independent scan mode
• First 8 samples have offset, limit and zero-crossing calculation supported
• ADC conversions can be synchronized by any module connected to internal crossbar
module, such as PWM and timer modules and GPIO and comparators
• Support for simultaneous and software triggering conversions
• Support for multi-triggering mode with a programmable number of conversions on
each trigger
• Each ADC has ability to scan and store up to 8 conversion results
Peripheral highlights
MC56F844xx Advance Information Data Sheet, Rev. 2, 06/2012.
8
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - 56F84442VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F84540VLF FREESCALE-56F84540VLF Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84543VLH FREESCALE-56F84543VLH Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84550VLF FREESCALE-56F84550VLF Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84553VLH FREESCALE-56F84553VLH Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84565VLK FREESCALE-56F84565VLK Datasheet
1,019Kb / 68P
   MC56F8458x Advance
More results

Similar Description - 56F84442VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F84442VLH FREESCALE-MC56F84442VLH Datasheet
1,008Kb / 67P
   MC56F844xx Advance Information
MC56F847XX FREESCALE-MC56F847XX Datasheet
1Mb / 69P
   MC56F847xx Advance
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
logo
Freescale Semiconductor...
MC56F8455X FREESCALE-MC56F8455X Datasheet
1,016Kb / 67P
   MC56F8455x Advance
logo
Motorola, Inc
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com