Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F84567VLL Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 56F84567VLL
Description  MC56F8458x Advance
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F84567VLL Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  56F84567VLL Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F84567VLL Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F84567VLL Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F84567VLL Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F84567VLL Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F84567VLL Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F84567VLL Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F84567VLL Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F84567VLL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
Overview
1.1 MC56F844x/5x/7x Product Family
The following table highlights major features, including features that differ among
members of the family. Features not listed are shared by all members of the family.
Table 1. 56F844x/5x/7x Family
Part
Number
MC56F84
789 786 769 766 763 553 550 543 540 587 585 567 565 462 452 451 442 441
Core
frequency
(MHz)
100 100 100 100 100
80
80
80
80
80
80
80
80
60
60
60
60
60
Flash
memory
(KB)
256 256 128 128 128
96
96
64
64
256 256 128 128 128
96
96
64
64
FlevNVM/
FlexRAM
(KB)
32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2 32/2
Total flash
memory,
including
FlexNVM
(KB)1
288 288 160 160 160 128 128
96
96
288 288 160 160 160 128 128
96
96
RAM (KB)
32
32
24
24
24
16
16
8
8
32
32
24
24
24
16
16
8
8
Memory
resource
protection
Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes
External
Watchdog
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
12-bit
Cyclic ADC
channels
2x8
(300
ns)
2x8
(300
ns)
2x8
(300
ns)
2x8
(300
ns)
2x8
(300
ns)
2x8
(300
ns)
2x5
(300
ns)
2x8
(300
ns)
2x5
(300
ns)
2x8
(600
ns)
2x8
(600
ns)
2x8
(600
ns)
2x8
(600
ns)
2x8
(600
ns)
2x8
(600
ns)
2x5
(600
ns)
2x8
(600
ns)
2x5
(600
ns)
16-bit SAR
ADC (with
Temp
Sensor)
channels
1x
16
1x
10
1x
16
1x
10
1x8
1x8
0
1x8
0
1x
16
1x
10
1x
16
1x
10
0
1x8
0
1x8
0
PWMA
with input
capture:
High-
resolution
channels
1x8
1x8
1x8
1x8
1x8
1x8
1x6
1x8
1x6
0
0
0
0
0
0
0
0
0
Table continues on the next page...
1
Overview
MC56F8458x Advance Information Data Sheet, Rev. 2, 06/2012.
4
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - 56F84567VLL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F84540VLF FREESCALE-56F84540VLF Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84543VLH FREESCALE-56F84543VLH Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84550VLF FREESCALE-56F84550VLF Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84553VLH FREESCALE-56F84553VLH Datasheet
1,016Kb / 67P
   MC56F8455x Advance
More results

Similar Description - 56F84567VLL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F847XX FREESCALE-MC56F847XX Datasheet
1Mb / 69P
   MC56F847xx Advance
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
logo
Freescale Semiconductor...
MC56F8455X FREESCALE-MC56F8455X Datasheet
1,016Kb / 67P
   MC56F8455x Advance
logo
Motorola, Inc
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com