Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51JF128VLH Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCF51JF128VLH
Description  MCF51JF128
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51JF128VLH Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCF51JF128VLH Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51JF128VLH Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51JF128VLH Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51JF128VLH Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51JF128VLH Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51JF128VLH Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51JF128VLH Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51JF128VLH Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51JF128VLH Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
• During normal operation, don’t exceed any of the chip’s operating requirements.
• If you must exceed an operating requirement at times other than during normal
operation (for example, during power sequencing), limit the duration as much as
possible.
3.8 Definition: Typical value
A typical value is a specified value for a technical characteristic that:
• Lies within the range of values specified by the operating behavior
• Given the typical manufacturing process, is representative of that characteristic
during operation when you meet the typical-value conditions or other specified
conditions
Typical values are provided as design guidelines and are neither tested nor guaranteed.
3.8.1 Example 1
This is an example of an operating behavior that includes a typical value:
Symbol
Description
Min.
Typ.
Max.
Unit
IWP
Digital I/O weak
pullup/pulldown
current
10
70
130
µA
3.8.2 Example 2
This is an example of a chart that shows typical values for various voltage and
temperature conditions:
Terminology and guidelines
MCF51JF128 Data Sheet, Rev. 6, 01/2012.
Freescale Semiconductor, Inc.
7


Similar Part No. - MCF51JF128VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JF128VHS FREESCALE-MCF51JF128VHS Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JF128VHX FREESCALE-MCF51JF128VHX Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com