Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51JU32VFM Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF51JU32VFM
Description  MCF51JU128
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51JU32VFM Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF51JU32VFM Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51JU32VFM Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51JU32VFM Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51JU32VFM Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51JU32VFM Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51JU32VFM Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF51JU32VFM Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF51JU32VFM Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF51JU32VFM Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
5.2.2 LVD and POR operating requirements
Table 2. LVD and POR operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR
Falling VDD POR detect voltage
0.8
1.1
1.5
V
VLVDH
Falling low-voltage detect threshold — high
range (LVDV=01)
2.48
2.56
2.64
V
VLVW1H
VLVW2H
VLVW3H
VLVW4H
Low-voltage warning thresholds — high range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
2.62
2.72
2.82
2.92
2.70
2.80
2.90
3.00
2.78
2.88
2.98
3.08
V
V
V
V
1
VHYSH
Low-voltage inhibit reset/recover hysteresis —
high range
±80
mV
VLVDL
Falling low-voltage detect threshold — low range
(LVDV=00)
1.54
1.60
1.66
V
VLVW1L
VLVW2L
VLVW3L
VLVW4L
Low-voltage warning thresholds — low range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
1.74
1.84
1.94
2.04
1.80
1.90
2.00
2.10
1.86
1.96
2.06
2.16
V
V
V
V
1
VHYSL
Low-voltage inhibit reset/recover hysteresis —
low range
±60
mV
VBG
Bandgap voltage reference
0.97
1.00
1.03
V
tLPO
Internal low power oscillator period
factory trimmed
900
1000
1100
μs
1. Rising thresholds are falling threshold + hysteresis voltage
Nonswitching electrical specifications
MCF51JU128 Data Sheet, Rev. 4, 01/2012.
Freescale Semiconductor, Inc.
11


Similar Part No. - MCF51JU32VFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JU32VFM FREESCALE-MCF51JU32VFM Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com