Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA1606KW Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA1606KW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA1606KW Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA1606KW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA1606KW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA1606KW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA1606KW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA1606KW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA1606KW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA1606KW Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA1606KW Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA1606KW Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Sensors
Freescale Semiconductor, Inc.
9
MMA16xxKW
2.7
Dynamic Electrical Characteristics - DSI
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
90
91
92
93
Reset Recovery (See Figure 20)
POR negated to 1st DSI Command (Initialization Command)
POR negated to Acceleration Data Valid (Including LPF Init)
DSI Clear Command to 1st DSI Command (Initialization Command)
DSI Clear Command to Acceleration Data Valid (Including LPF Init)
tDSI_INIT
tDSP_INIT
tDSI_INIT
tDSP_INIT
400 / fOSC
400 / fOSC
10000 / fOSC
10000 / fOSC
s
s
s
s
(7)
(7)
(7)
(7)
94
HCAP Under-Voltage Reset Delay (See Figure 5)
VHCAP < VPORHCAP_f to POR assertion
tHCAP_POR
880 / fOSC
s(7)
95
VREG Under-Voltage Reset Delay (See Figure 6)
VREG < VPORVREG_f to POR assertion
tVREG_POR
⎯⎯
5
μs(3)
96
VREGA Under-Voltage Reset Delay (See Figure 7)
VREGA < VPORVREGA_f to POR assertion
tVREGA_POR
⎯⎯
5
μs(3)
97
98
99
VREG, VREGA Capacitor Monitor
POR to first Capacitor Test Disconnect
Disconnect Time ()
Disconnect Rate ()
tPOR_CAPTEST
tCAPTEST_TIME
tCAPTEST_RATE
12000 / fOSC
6 / fOSC
256 / fOSC
s
s
s
(7)
(7)
(7)
100 Initialization to Bus Switch Closing
tBS
89
138
μs(7)
101
BUSOUT Discharge Resistance
Activation Time
tBUSOUT_Discharge
9.5
10
10.5
μs(3)
102 Communication Data Rate
DRATE
100
200
kbps
(7)
103
Loss of Signal Reset Time
Maximum time below frame threshold
tTO
2.00
4.00
ms
(7)
104
BUSIN Response Current Slew Rate
1.0 mA to 9.0 mA, 9.0 to 1.0 mA
tITR
0.33
10.0
mA/
μs(3)
105
106
BUSIN Timing to Response Current
BUSIN Negative Voltage Transition = 3.0V to IRSP = 7.0 mA rise
BUSIN Negative Voltage Transition = 3.0V to IRSP = 5.0 mA fall
tRSP_R
tRSP_F
2.50
2.50
μs
μs
(7)
(7)
107
108
DSI BUSIN Signal Duty Cycle
Logic ‘0’
Logic ‘1’
*
*
DCL
DCH
10
60
33
67
40
90
%
%
(7)
(7)
109
110
111
112
Inter-frame Separation Time (See Figure 8)
Following Read Write NVM Command
Following Initialization, BS = 1
Following Initialization, BS = 0
Following other DSI bus commands
tIFS
tIFS
tIFS
tIFS
2
200
20
20
ms
μs
μs
μs
(7)
(7)
(7)
(7)
113 DSI Data Latency
tLAT_DSI
4 / fOSC
5 / fOSC
s(7)
114
Bus Switch Open Time
Reset Asserted to ISW_LEAK ≤ 20 μA
tBSOPEN
⎯⎯
500
μs(3)
115
OTP Program Timing
Time to program one OTP bit
tPROG_BIT
64
256
μs(7)
116
117
118
119
120
121
Self-Test Response Time
Self-Test Activation time (EOFSlave to 90% ΔDFLCT_xxx, 180 Hz LPF)
Self-Test Deactivation time (EOFSlave to 10% ΔDFLCT_xxx, 180 Hz LPF)
Self-Test Activation time (EOFSlave to 90% ΔDFLCT_xxx, 400 Hz LPF)
Self-Test Deactivation time (EOFSlave to 10% ΔDFLCT_xxx, 400 Hz LPF)
Self-Test Activation time (EOFSlave to 90% ΔDFLCT_xxx, 800 Hz LPF)
Self-Test Deactivation time (EOFSlave to 10% ΔDFLCT_xxx, 800 Hz LPF)
tST_ACT_180
tST_DEACT_180
tST_ACT_400
tST_DEACT_400
tST_ACT_800
tST_DEACT_800
2.00
2.00
1.00
1.00
0.50
0.50
5.00
5.00
2.50
2.50
1.75
1.75
ms
ms
ms
ms
ms
ms
(7)
(7)
(7)
(7)
(7)
(7)
122
Error Detection Response Time
Mirror Register CRC Error to Status Flag (S) set (Factory or User Array)
tCRC_Err
75 / fOSC
s(7)


Similar Part No. - MMA1606KW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA1606KW NXP-MMA1606KW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA1606KWR2 NXP-MMA1606KWR2 Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA1606KW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com