Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC100B0R5CT500XT Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # ATC100B0R5CT500XT
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC100B0R5CT500XT Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  ATC100B0R5CT500XT Datasheet HTML 1Page - Freescale Semiconductor, Inc ATC100B0R5CT500XT Datasheet HTML 2Page - Freescale Semiconductor, Inc ATC100B0R5CT500XT Datasheet HTML 3Page - Freescale Semiconductor, Inc ATC100B0R5CT500XT Datasheet HTML 4Page - Freescale Semiconductor, Inc ATC100B0R5CT500XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC100B0R5CT500XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC100B0R5CT500XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC100B0R5CT500XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC100B0R5CT500XT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MD7IC21100NR1 MD7IC21100GNR1 MD7IC21100NBR1
1
RF Device Data
Freescale Semiconductor, Inc.
RF LDMOS Wideband Integrated
Power Amplifiers
The MD7IC21100N wideband integrated circuit is designed with on--chip
matching that makes it usable from 2110 to 2170 MHz. This multi--stage
structure is rated for 24 to 32 Volt operation and covers all typical cellular base
station modulation formats including TD--SCDMA.
• Typical Single--Carrier W--CDMA Performance: VDD =28 Volts,IDQ1A +
IDQ1B = 190 mA, IDQ2A +IDQ2B = 925 mA, Pout = 32 Watts Avg.,
f = 2167.5 MHz, IQ Magnitude Clipping, Channel Bandwidth = 3.84 MHz,
Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF.
Power Gain — 28.5 dB
Power Added Efficiency — 30%
Device Output Signal PAR — 6.1 dB @ 0.01% Probability on CCDF
ACPR @ 5 MHz Offset — --38 dBc in 3.84 MHz Channel Bandwidth
• Capable of Handling 5:1 VSWR, @ 32 Vdc, 2140 MHz, Pout = 110 Watts CW
(3 dB Input Overdrive from Rated Pout)
• Stable into a 5:1 VSWR. All Spurs Below --60 dBc @ 1 mW to 100 Watts CW
Pout.
• Typical Pout @ 1 dB Compression Point
≃ 110 Watts CW
Features
• 100% PAR Tested for Guaranteed Output Power Capability
• Characterized with Series Equivalent Large--Signal Impedance Parameters
and Common Source S-Parameters
• On--Chip Matching (50 Ohm Input, on a per side basis, DC Blocked)
• Internally Matched for Ease of Use
• Integrated Quiescent Current Temperature Compensation with
Enable/Disable Function (1)
• Integrated ESD Protection
• 225°C Capable Plastic Package
• In Tape and Reel. R1 Suffix = 500 Units, 44 mm Tape Width, 13 inch Reel.
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
Quiescent Current
Temperature Compensation (1)
VDS1A
RFinA
VGS1A
RFout1/VDS2A
VGS2A
Note: Exposed backside of the package is
the source terminal for the transistors.
Quiescent Current
Temperature Compensation (1)
VDS1B
RFinB
VGS1B
RFout2/VDS2B
VGS2B
VDS1A
NC
NC
NC
RFout1/VDS2A
1
2
3
4
7
8
14
VGS1B
9
10
11
VGS2A
VGS1A
RFinA
RFinB
VGS2B
NC
VDS1B
RFout2/VDS2B
13
6
12
(Top View)
5
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf. Select Documentation/Application Notes -- AN1977 or AN1987.
Document Number: MD7IC21100N
Rev. 2, 2/2012
Freescale Semiconductor
Technical Data
2110--2170 MHz, 32 W AVG., 28 V
SINGLE W--CDMA
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIERS
MD7IC21100NR1
MD7IC21100GNR1
MD7IC21100NBR1
CASE 1618--02
TO--270 WB--14
PLASTIC
MD7IC21100NR1
CASE 1621--02
TO--270 WB--14 GULL
PLASTIC
MD7IC21100GNR1
CASE 1617--02
TO--272 WB--14
PLASTIC
MD7IC21100NBR1
© Freescale Semiconductor, Inc., 2008, 2011--2012. All rights reserved.


Similar Part No. - ATC100B0R5CT500XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ATC100B0R5CT500XT NXP-ATC100B0R5CT500XT Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 2/2012
More results

Similar Description - ATC100B0R5CT500XT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com