Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM32EER72A105KA01L Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # GRM32EER72A105KA01L
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GRM32EER72A105KA01L Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button GRM32EER72A105KA01L Datasheet HTML 2Page - Freescale Semiconductor, Inc GRM32EER72A105KA01L Datasheet HTML 3Page - Freescale Semiconductor, Inc GRM32EER72A105KA01L Datasheet HTML 4Page - Freescale Semiconductor, Inc GRM32EER72A105KA01L Datasheet HTML 5Page - Freescale Semiconductor, Inc GRM32EER72A105KA01L Datasheet HTML 6Page - Freescale Semiconductor, Inc GRM32EER72A105KA01L Datasheet HTML 7Page - Freescale Semiconductor, Inc GRM32EER72A105KA01L Datasheet HTML 8Page - Freescale Semiconductor, Inc GRM32EER72A105KA01L Datasheet HTML 9Page - Freescale Semiconductor, Inc GRM32EER72A105KA01L Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MD7IC21100NR1 MD7IC21100GNR1 MD7IC21100NBR1
TYPICAL CHARACTERISTICS
2220
26
30
2060
--42
31
f, FREQUENCY (MHz)
Figure 5. Output Peak--to--Average Ratio Compression (PARC)
versus Broadband Performance @ Pout = 32 Watts Avg.
--25
--10
--13
--16
--19
--22
29.6
29.2
28.8
28.4
27.6
28
27.2
26.8
26.4
30
29
28
27
--37
--38
--39
--40
--41
2080
2100
2120
2140
2160
2180
2200
--2
--1
--1.2
--1.4
--1.6
--1.8
300
25
30
1
1156 mA
Pout, OUTPUT POWER (WATTS) CW
Figure 6. Power Gain versus Output Power
@IDQ1A +IDQ1B = 190 mA
VDD =28 Vdc
IDQ1A +IDQ1B = 190 mA
f = 2140 MHz
29
28
27
26
10
100
463 mA
300
22
32
1
238 mA
IDQ1A +IDQ1B = 285 mA
190 mA
Pout, OUTPUT POWER (WATTS) CW
Figure 7. Power Gain versus Output Power
@IDQ2A +IDQ2B = 925 mA
VDD =28 Vdc
IDQ2A +IDQ2B = 925 mA
f = 2140 MHz
30
28
26
24
10
100
143 mA
95 mA
100
--60
--10
1
IM3--U
TWO--TONE SPACING (MHz)
Figure 8. Intermodulation Distortion Products
versus Tone Spacing
10
--20
--30
--40
--50
IM3--L
IM5--U
IM5--L
IM7--U
IM7--L
ηD
IRL
Gps
ACPR
PARC
Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF
VDD =28 Vdc,Pout =32 W (Avg.),IDQ1A +IDQ1B = 190 mA
IDQ2A +IDQ2B = 925 mA, Single--Carrier W--CDMA
3.84 MHz Channel Bandwidth
694 mA
925 mA
VDD =28 Vdc,Pout = 112 W (PEP), IDQ1A +IDQ1B = 190 mA
IDQ2A +IDQ2B = 925 mA, Two--Tone Measurements
(f1+f2)/2 = Center Frequency of 2140 MHz
IDQ2A +IDQ2B = 1388 mA


Similar Part No. - GRM32EER72A105KA01L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GRM32EER72A105KA01L NXP-GRM32EER72A105KA01L Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 2/2012
More results

Similar Description - GRM32EER72A105KA01L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com