Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA1631NKW Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA1631NKW
Description  DSI Inertial Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA1631NKW Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA1631NKW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA1631NKW Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Sensors
8
Freescale Semiconductor, Inc.
MMA16xxNKW
2.6
Electrical Characteristics - Self-Test and Overload
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
63
64
Acceleration (without hitting internal g-cell stops)
±50g, ±62.5g, ±125g Positive
±50g, ±62.5g, ±125g Negative
gg-cell_Clip60ZP
gg-cell_Clip60ZN
425
-1205
642
-720
980
-512
g
g
(9)
(9)
65
66
Acceleration (without hitting internal g-cell stops)
±187g, ±312g Positive
±187g, ±312g Negative
gg-cell_Clip240ZP
gg-cell_Clip240ZN
1450
-3100
2180
-2210
2800
-1800
g
g
(9)
(9)
67
68
ΣΔ and Sinc Filter Clipping Limit
±50g Range Positive
±50g Range Negative
gADC_Clip60ZP
gADC_Clip60ZN
160
-333
238
-274
335
-216
g
g
(9)
(9)
69
70
ΣΔ and Sinc Filter Clipping Limit
±62.5g Range Positive
±62.5g Range Negative
gADC_Clip60ZP
gADC_Clip60ZN
160
-333
238
-274
335
-216
g
g
(9)
(9)
71
72
ΣΔ and Sinc Filter Clipping Limit
±125g Range Positive
±125g Range Negative
gADC_Clip120ZP
gADC_Clip120ZN
306
-693
433
-544
577
-415
g
g
(9)
(9)
73
74
ΣΔ and Sinc Filter Clipping Limit
±187g Range Positive
±187g Range Negative
gADC_Clip240ZP
gADC_Clip240ZN
836
-1909
1178
-1566
1599
-1245
g
g
(9)
(9)
75
76
ΣΔ and Sinc Filter Clipping Limit
±312g Range Positive
±312g Range Negative
gADC_Clip480ZP
gADC_Clip480ZN
836
-1909
1178
-1566
1599
-1245
g
g
(9)
(9)
77
78
79
80
81
Deflection, 10-Bit, Self-Test - Offset, 30 sample ave, TA = 25°C)
±50g Range
±62.5g Range
±125g Range
±187g Range
±312g Range
*
*
*
*
*
ΔDFLCT_Z50
ΔDFLCT_Z62
ΔDFLCT_Z125
ΔDFLCT_Z187
ΔDFLCT_Z312
307
245
299
205
123
LSB
LSB
LSB
LSB
LSB
(1)
(1)
(1)
(1)
(1)
82 Self-Test deflection range, TA = 25 °C
ΔDFLCT
-10
+10
%
(1)
83 Self-Test deflection range, TL ≤ TA ≤ TH
ΔDFLCT
-20
+20
%
(1)


Similar Part No. - MMA1631NKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA1631KGCW NXP-MMA1631KGCW Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
MMA1631KGCWR2 NXP-MMA1631KGCWR2 Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA1631KW FREESCALE-MMA1631KW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA1631KW NXP-MMA1631KW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
logo
Freescale Semiconductor...
MMA1631KWR2 FREESCALE-MMA1631KWR2 Datasheet
423Kb / 45P
   DSI Inertial Sensor
More results

Similar Description - MMA1631NKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com