Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUA2313 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUA2313
Description  6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2313 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUA2313 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUA2313
DS2313
Ver1.0
Mar. 2012
1
6-W Stereo Class-D Audio Power
Amplifier with Speaker Protection
DESCRIPTION
The EUA2313 is a high efficiency, 2 channel bridged-tied
load (BTL), class-D audio power amplifier. Operating from
a 10V power supply, EUA2313 is capable of delivering
6W/ channel of continuous output power to a 8
load with
10% THD+N. The EUA2313 features a differential input
architecture offering improved noise immunity over a
single-ended (SE) input amplifier. Amplifier gain is
internally configured and can be selected to 20, 26, 32 or
36dB utilizing the G0 and G1 gain select pins. Advanced
EMI
suppression
technology
enables
the
use
of
inexpensive ferrite bead at the outputs while meeting EMC
requirements.
The
speaker
protection
circuitry
is
integrated
into
EUA2313 to limit the amount of current through the
speaker. Meanwhile, the AGC detects output signal clip
due to the over level input signal and suppresses it
automatically. The EUA2313 also features short-circuit and
thermal protection preventing the device from being
damaged during a fault condition. The EUA2313 is
available in thermally efficient 28-pin TSSOP package.
FEATURES
Wide Supply Voltage: 8V to 26V
Unique Modulation Scheme Reduces EMI Emission
6-W/ch into an 8-
Load From a 10-V Supply
12W into a 4-
Mono Load From a 10-V Supply
87% Efficient Class-D Operation Eliminates
Need for Heat Sinks
Four Selectable, Gain Settings
Differential Inputs
Speaker Protection Circuitry
Auto Gain Control
Thermal and Short-Circuit Protection
28-pin TSSOP Package with Thermal Pad
RoHS compliant and 100% lead(Pb)-free
Halogen-Free
APPLICATIONS
Televisions
Typical Application Circuit
Figure1. Simplified Application Schematic


Similar Part No. - EUA2313

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2313B EUTECH-EUA2313B Datasheet
99Kb / 1P
   6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
More results

Similar Description - EUA2313

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2313B EUTECH-EUA2313B Datasheet
99Kb / 1P
   6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2310 EUTECH-EUA2310 Datasheet
103Kb / 1P
   15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2310B EUTECH-EUA2310B Datasheet
1Mb / 1P
   15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
logo
Texas Instruments
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com